Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1027497 Datasheet(PDF) 2 Page - SICK AG

Part # 1027497
Description  LUMINESCENCE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1027497 Datasheet(HTML) 2 Page - SICK AG

  1027497 Datasheet HTML 1Page - SICK AG 1027497 Datasheet HTML 2Page - SICK AG 1027497 Datasheet HTML 3Page - SICK AG 1027497 Datasheet HTML 4Page - SICK AG 1027497 Datasheet HTML 5Page - SICK AG 1027497 Datasheet HTML 6Page - SICK AG 1027497 Datasheet HTML 7Page - SICK AG 1027497 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LUT1B-12205 | LUT1
LUMINESCENCE SENSORS
Ordering information
Type
Part no.
LUT1B-12205
1027497
Other models and accessories
www.sick.com/LUT1
Detailed technical data
Features
Dimensions (W x H x D)
23 mm x 70 mm x 47.5 mm
Sensing distance
70 mm, 80 mm 1)
Housing design (light emission)
Rectangular
Working range
60 mm ... 100 mm
Light source
LED, Blue 2)
Wave length
470 nm
Light emission
Long side
Light spot size
10 mm x 70 mm
Receiving filters
OG 590
Receiving range
590 nm ... 750 nm
Adjustment
Double teach-in button
Output function
Light switching
1) From front edge of lens.
2) Average service life: 100,000 h at TU = +25 °C.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
< 5 Vpp 2)
Power consumption
< 40 mA 3)
Switching frequency
600 Hz 4)
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) With light/dark ratio 1:1, without timer stage.
5) Signal transit time with resistive load.
6) Only LUT1B-12205.
7) Reference voltage DC 50 V.
2
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com