Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1027497 Datasheet(PDF) 3 Page - SICK AG

Part # 1027497
Description  LUMINESCENCE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1027497 Datasheet(HTML) 3 Page - SICK AG

  1027497 Datasheet HTML 1Page - SICK AG 1027497 Datasheet HTML 2Page - SICK AG 1027497 Datasheet HTML 3Page - SICK AG 1027497 Datasheet HTML 4Page - SICK AG 1027497 Datasheet HTML 5Page - SICK AG 1027497 Datasheet HTML 6Page - SICK AG 1027497 Datasheet HTML 7Page - SICK AG 1027497 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LUT1B-12205 | LUT1
LUMINESCENCE SENSORS
Response time
850 µs 5)
Switching output
PNP
Switching output (voltage)
PNP: HIGH = VS– ≤ 2 V / LOW approx. 0 V
Switching output
Light switching
Analog output
0.5 mA ... 10 mA 6)
Output current Imax.
200 mA
Connection type
Male connector M12, 5-pin
Protection class
III 7)
Circuit protection
UV connections, reverse polarity protected
Output Q short-circuit protected
Interference pulse suppression
Enclosure rating
IP67
Weight
240 g
Housing material
Zinc diecast
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) With light/dark ratio 1:1, without timer stage.
5) Signal transit time with resistive load.
6) Only LUT1B-12205.
7) Reference voltage DC 50 V.
Ambient data
Ambient operating temperature
–20 °C ... +60 °C
Ambient storage temperature
–40 °C ... +70 °C
Shock load
According to IEC 60068
Classifications
ECl@ss 5.0
27270908
ECl@ss 5.1.4
27270908
ECl@ss 6.0
27270908
ECl@ss 6.2
27270908
ECl@ss 7.0
27270908
ECl@ss 8.0
27270908
ECl@ss 8.1
27270908
ECl@ss 9.0
27270908
ETIM 5.0
EC001822
ETIM 6.0
EC001822
UNSPSC 16.0901
39121528
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com