Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1027593 Datasheet(PDF) 2 Page - SICK AG

Part # 1027593
Description  LUMINESCENCE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1027593 Datasheet(HTML) 2 Page - SICK AG

  1027593 Datasheet HTML 1Page - SICK AG 1027593 Datasheet HTML 2Page - SICK AG 1027593 Datasheet HTML 3Page - SICK AG 1027593 Datasheet HTML 4Page - SICK AG 1027593 Datasheet HTML 5Page - SICK AG 1027593 Datasheet HTML 6Page - SICK AG 1027593 Datasheet HTML 7Page - SICK AG 1027593 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LUT1B-31325 | LUT1
LUMINESCENCE SENSORS
Ordering information
Type
Part no.
LUT1B-31325
1027593
Other models and accessories
www.sick.com/LUT1
Detailed technical data
Features
Dimensions (W x H x D)
23 mm x 70 mm x 47.5 mm
Sensing distance
50 mm 1)
Housing design (light emission)
Rectangular
Working range
15 mm ... 60 mm
Light source
LED, Blue 2)
Wave length
470 nm
Light emission
Long side
Light spot size
5 mm x 5 mm
Receiving filters
OG 590
Receiving range
590 nm ... 750 nm
Adjustment
Double teach-in button
Output function
Light switching
1) From front edge of lens.
2) Average service life: 100,000 h at TU = +25 °C.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
< 5 Vpp 2)
Power consumption
< 40 mA 3)
Switching frequency
6 kHz 4)
Response time
85 µs 5)
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) With light/dark ratio 1:1, without timer stage.
5) Signal transit time with resistive load.
6) Reference voltage DC 50 V.
2
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com