Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1027593 Datasheet(PDF) 5 Page - SICK AG

Part # 1027593
Description  LUMINESCENCE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1027593 Datasheet(HTML) 5 Page - SICK AG

  1027593 Datasheet HTML 1Page - SICK AG 1027593 Datasheet HTML 2Page - SICK AG 1027593 Datasheet HTML 3Page - SICK AG 1027593 Datasheet HTML 4Page - SICK AG 1027593 Datasheet HTML 5Page - SICK AG 1027593 Datasheet HTML 6Page - SICK AG 1027593 Datasheet HTML 7Page - SICK AG 1027593 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LUT1B-31325 | LUT1
LUMINESCENCE SENSORS
Connection type
Connection diagram
L+
M
QP1
QP2
1
3
4
2
brn
blu
blk
wht
NC
5
gra
1
2
①  QP2 or control output
②  NC or analog output
Characteristic curve
Sensing distance
40
(1.57)
0
80
(3.15)
120
(4.72)
160
(6.30)
200
(7.87)
240
(9.45)
Sensing distance in mm (inch)
100
75
125
50
25
0
Switching
threshold
①  LUT1B sensing distance 50 mm; scan material: acryl orange
②  LUT1B sensing distance 150 mm; scan material: acryl orange
③  LUT1U sensing distance 150 mm; scan material: SICK Luminescence reference 100 %
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com