Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SAU04FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SAU04FU
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SAU04FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SAU04FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 7Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC7SAU04F/FU
2002-12-13
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SAU04F,TC7SAU04FU
Inverter (unbuffer) with 3.6 V Tolerant Input
Features
· Low voltage operation : VCC = 1.8~3.6 V
· Low power disipation : ICC < 20 µA (max)
·
(VCC = 3.6 V, Ta = −40~85°C)
· High speed operation : tpd = 3.5 ns (max) (VCC = 3.0~3.6 V)
: tpd = 4.2 ns (max) (VCC = 2.3~2.7 V)
: tpd = 8.4 ns (max) (VCC = 1.8 V)
· High Output current : IOH/IOL = ±24 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±18 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±6 mA (min) (VCC = 1.8 V)
· Latch-up performance : ±300 mA or more
· ESD performance
: Human body model > ±200 V
: Machine model > ±2000 V
· Power down protection is provided on all inputs and outputs.
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5~4.6
V
DC input voltage
VIN
−0.5~4.6
V
DC output voltage
VOUT
−0.5~VCC + 0.5 (Note 1)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
±50 (Note 2)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
200
mW
DC VCC/ground current
ICC
±100
mA
Storage temperature range
Tstg
−65~150
°C
Note 1: High or low state. IOUT absolute maximum rating be observed.
Note 2: VOUT < GND, VOUT > VCC
TC7SAU04F
TC7SAU04FU
Weight
SSOP5-P-0.95 : 0.016 g (typ.)
SSOP5-P-0.65A : 0.006 g (typ.)


Similar Part No. - TC7SAU04FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SAU04FU TOSHIBA-TC7SAU04FU Datasheet
202Kb / 8P
Inverter (Un-Buffer)
More results

Similar Description - TC7SAU04FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SET125F TOSHIBA-TC7SET125F Datasheet
176Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SG00AFS TOSHIBA-TC7SG00AFS Datasheet
175Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS11NLU TOSHIBA-TCS11NLU_14 Datasheet
199Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS40DLR TOSHIBA-TCS40DLR Datasheet
219Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
2015-04-03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com