Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SAU04FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SAU04FU
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SAU04FU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SAU04FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 7Page - Toshiba Semiconductor TC7SAU04FU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC7SAU04F/FU
2002-12-13
3
Electrical Characteristics
DC Characteristics (Ta
==== ----40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
0.85
´
VCC
¾
High level
VIH
¾
2.3~3.6
0.8
´
VCC
¾
1.8
¾
0.15
´
VCC
Input voltage
Low level
VIL
¾
2.3~3.6
¾
0.2
´
VCC
V
IOH = -100 mA
1.8~3.6
VCC
- 0.2
¾
IOH = -6 mA
1.8
1.4
¾
IOH = -12 mA
2.3
1.8
¾
IOH = -18 mA
2.3
1.7
¾
IOH = -12 mA
2.7
2.2
¾
IOH = -18 mA
3.0
2.4
¾
High level
VOH
VIN = VIL
IOH = -24 mA
3.0
2.2
¾
IOL = 100 mA
1.8~3.6
¾
0.2
IOL = 6 mA
1.8
¾
0.3
IOL = 12 mA
2.3
¾
0.4
IOL = 18 mA
2.3
¾
0.6
IOL = 12 mA
2.7
¾
0.4
IOL = 18 mA
3.0
¾
0.4
Output voltage
Low level
VOL
VIN = VIH
IOL = 24 mA
3.0
¾
0.55
V
Input leakage current
IIN
VIN = 0~3.6 V
2.7~3.6
¾
±5.0
mA
VIN = VCC or GND
2.7~3.6
¾
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
2.7~3.6
¾
±20.0
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com