Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7WZ32FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7WZ32FU
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ32FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7WZ32FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ32FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ32FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ32FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ32FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ32FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ32FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7WZ32FU/FK
2002-01-16
4
AC Characteristics (unless otherwise specified, Input: tr
==== tf ==== 3 ns)
Ta
= 25°C
Ta
= -40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
± 0.15
2.0
5.8
10.5
2.0
11.0
2.5
± 0.2
1.0
3.5
5.8
1.0
6.2
3.3
± 0.3
0.8
2.6
3.9
0.8
4.3
CL = 15 pF, RL = 1 MW
5.0
± 0.5
0.5
2.6
3.1
0.5
3.3
3.3
± 0.3
1.2
3.2
4.8
1.2
5.2
Propagation delay time
tpLH
tpHL
CL = 50 pF, RL = 500 W
5.0
± 0.5
0.8
2.4
3.7
0.8
4.0
ns
Input capacitance
CIN
¾
0~5.5
¾
3.0
¾
¾
¾
pF
3.3
¾
20
¾
¾
¾
Power dissipation
capacitance
CPD
(Note)
5.5
¾
26
¾
¾
¾
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com