Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7WZ32FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7WZ32FU
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ32FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7WZ32FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ32FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ32FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ32FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ32FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ32FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ32FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7WZ32FU/FK
2002-01-16
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC7WZ32FU,TC7WZ32FK
2 Input or Gate
Features
· High output drive: ±24 mA (min) @VCC = 3 V
· Super high speed operation: tpd 2.4 ns (typ.) @VCC = 5 V,
50 pF
· Operation voltage range: VCC (opr) = 1.65~5.5 V
· Latch-up performance: ±500 mA or more
· ESD performance: ±200 V or more (JEITA)
±2000 V or more (MIL)
· Power down protection is provided on all inputs and outputs.
· Matches the performance of TC74LCX series when operated
at 3.3 V VCC.
Marking
Maximum Ratings (Ta
==== 25°C)
Pin Assignment (top view)
TC7WZ32FU
TC7WZ32FK
Weight
SSOP8-P-0.65
: 0.02 g (typ.)
SSOP8-P-0.50A
: 0.01 g (typ.)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
-0.5~6
V
DC input voltage
VIN
-0.5~6
V
DC output voltage
VOUT
-0.5~6
V
Input diode current
IIK
-20
mA
Output diode current
IOK
-20
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
300 (SM8)
200 (US8)
mW
Storage temperature
Tstg
-65~150
°C
Lead temperature (10s)
TL
260
°C
SM8
US8
Type name
Z 32
Lot No.
WZ
32
VCC
2B
2A
1A
GND
1B
1
2
3
4
2Y
1Y
8
7
6
5


Similar Part No. - TC7WZ32FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WZ34FK TOSHIBA-TC7WZ34FK Datasheet
141Kb / 7P
Triple Non Inverter
TC7WZ34FU TOSHIBA-TC7WZ34FU Datasheet
141Kb / 7P
Triple Non Inverter
TC7WZ38FK TOSHIBA-TC7WZ38FK Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2 Input NAND Gate (Open Drain)
TC7WZ38FU TOSHIBA-TC7WZ38FU Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2 Input NAND Gate (Open Drain)
More results

Similar Description - TC7WZ32FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SET125F TOSHIBA-TC7SET125F Datasheet
176Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SG00AFS TOSHIBA-TC7SG00AFS Datasheet
175Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS11NLU TOSHIBA-TCS11NLU_14 Datasheet
199Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS40DLR TOSHIBA-TCS40DLR Datasheet
219Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
2015-04-03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com