Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8771 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8771
Description  17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8771 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8771 Datasheet HTML 13Page - Monolithic Power Systems MP8771 Datasheet HTML 14Page - Monolithic Power Systems MP8771 Datasheet HTML 15Page - Monolithic Power Systems MP8771 Datasheet HTML 16Page - Monolithic Power Systems MP8771 Datasheet HTML 17Page - Monolithic Power Systems MP8771 Datasheet HTML 18Page - Monolithic Power Systems MP8771 Datasheet HTML 19Page - Monolithic Power Systems MP8771 Datasheet HTML 20Page - Monolithic Power Systems MP8771 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
MP8771
– 17V, 10A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8771 Rev. 1.0
www.MonolithicPower.com
17
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
An external resistor divider is used to set the
output voltage. First, choose a value for R2. R2
should be chosen reasonably, since a small R2
leads to considerable quiescent current loss,
while a large R2 makes FB noise-sensitive. R2
is recommended to be between 2 -
100kΩ.
Typically, set the current through R2 to be below
250µA for a good balance between system
stability and no-load loss. Then determine R1
with Equation (3):
OUT
REF
REF
VV
R1
R2
V

(3)
The feedback circuit is shown in Figure 7.
MP8771
FB
R1
R2
VOUT
Rt
Cf
Figure 7: Feedback Network
Table 1 lists the recommended resistor values
for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
L
(μH)
Cf
(pF)
Rt
(kΩ)
1.0
20
30
0.56
56
1
1.2
20
20
0.56
56
1
1.5
20
13
0.56
56
1
1.8
20
10
0.82
56
1
2.5
20
6.34
0.82
56
1
3.3
20
4.42
1
56
1
5
20
2.7
1.2
56
1
Selecting the Inductor
An inductor is necessary for supplying constant
current to the output load while being driven by
the switched input voltage. A larger-value
inductor results in less ripple current and a lower
output ripple voltage but also has a larger
physical footprint, higher series resistance, and
lower saturation current. A good rule for
determining the inductance value is to design the
peak-to-peak ripple current in the inductor to be
in the range of 30 - 40% of the maximum output
current, and ensure that the peak inductor
current is below the maximum switch current
limit. The inductance value can be calculated
with Equation (4):
OUT
OUT
SW
L
IN
VV
L
(1
)
F
I
V
 

(4)
Where
∆IL is the peak-to-peak inductor ripple
current.
The inductor should not saturate under the
maximum inductor peak current, where the peak
inductor current can be calculated with Equation
(5):
OUT
OUT
LP
OUT
SW
IN
VV
I
I
(1
)
2F
L
V
 
(5)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous and therefore requires a capacitor
to supply AC current to the step-down converter
while maintaining the DC input voltage. For the
best
performance,
use
ceramic
capacitors
placed as close to VIN as possible. Capacitors
with X5R and X7R ceramic dielectrics are
recommended because they are fairly stable
with temperature fluctuations.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter. The input ripple current
can be estimated with Equation (6):
OUT
OUT
CIN
OUT
IN
IN
VV
I
I
(1
)
VV
 
(6)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (7):
OUT
CIN
I
I
2
(7)
For simplification, choose an input capacitor with
an RMS current rating greater than half of the
maximum load current.
The input capacitance value determines the
input voltage ripple of the converter. If there is an
input voltage ripple requirement in the system,
choose an input capacitor that meets the
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com