Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8771 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8771
Description  17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8771 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8771 Datasheet HTML 1Page - Monolithic Power Systems MP8771 Datasheet HTML 2Page - Monolithic Power Systems MP8771 Datasheet HTML 3Page - Monolithic Power Systems MP8771 Datasheet HTML 4Page - Monolithic Power Systems MP8771 Datasheet HTML 5Page - Monolithic Power Systems MP8771 Datasheet HTML 6Page - Monolithic Power Systems MP8771 Datasheet HTML 7Page - Monolithic Power Systems MP8771 Datasheet HTML 8Page - Monolithic Power Systems MP8771 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP8771
17V, 10A, 700kHz, High-Efficiency,
Synchronous, Step-Down Converter
MP8771 Rev. 1.0
www.MonolithicPower.com
1
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP8771 is a fully integrated, high-frequency,
synchronous, rectified, step-down, switch-mode
converter with internal power MOSFETs. The
MP8771 offers a very compact solution that
achieves 10A of continuous output current with
excellent load and line regulation over a wide
input range. The MP8771 uses synchronous
mode operation for higher efficiency over the
output current load range.
Constant-on-time
(COT)
control
operation
provides very fast transient response, easy loop
design, and very tight output regulation.
Full protection features include short-circuit
protection (SCP), over-current protection (OCP),
under-voltage protection (UVP), and thermal
shutdown.
The MP8771 requires a minimal number of
readily available, standard, external components
and is available in a space-saving QFN-16
(3mmx3mm) package.
FEATURES
 Wide 4.5V to 17V Operating Input Range
 10A Output Current
 17mΩ/8mΩ Low R
DS(ON) Internal Power
MOSFETs
 100μA Quiescent Current
 Output Adjustable from 0.6V
 High-Efficiency Synchronous Mode
Operation
 Pre-Biased Start-Up
 Fixed 700kHz Switching Frequency
 External Programmable Soft Start-Up Time
 Enable (EN) and Power Good (PG) for
Power Sequencing
 Over-Current Protection (OCP) and Hiccup
 Thermal Shutdown
 Available in a QFN-16 (3mmx3mm)
Package
APPLICATIONS
 Security Cameras
 Portable Devices, XDSL Devices
 Digital Set-Top Boxes
 Flat-Panel Television and Monitors
 General Purposes
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
VCC
PG
ENABLE
FB
SS
EN
C5
22nF
PG
VIN
C1
22µFx2
SW
BST
C3
0.1µF
VOUT
C2
22µFx4
R1
20kΩ
R2
30kΩ
1V/10A
C4
1µF
L1
0.56µH
MP8771
4.5V-17V
R4
1kΩ
Efficiency vs. Load Current
VOUT = 1V, L = 0.56
μH, DCR = 1.5mΩ
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
LOAD CURRENT(A)
VIN=5V
VIN=12V


Similar Part No. - MP8771

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8771 MPS-MP8771 Datasheet
811Kb / 24P
18V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
2/24/2020 Rev. 1.11
MP8771GQ MPS-MP8771GQ Datasheet
811Kb / 24P
18V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
2/24/2020 Rev. 1.11
MP8771GQ-P MPS-MP8771GQ-P Datasheet
811Kb / 24P
18V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
2/24/2020 Rev. 1.11
MP8771GQ-Z MPS-MP8771GQ-Z Datasheet
811Kb / 24P
18V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
2/24/2020 Rev. 1.11
MP8771 MPS-MP8771_V01 Datasheet
811Kb / 24P
18V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
2/24/2020 Rev. 1.11
More results

Similar Description - MP8771

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8762 MPS-MP8762 Datasheet
1Mb / 39P
High Efficiency, 10A, 18V Synchronous Step-down Converter
MPQ8636A-10 MPS-MPQ8636A-10 Datasheet
1Mb / 22P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8714 MPS-MP8714 Datasheet
788Kb / 20P
High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
MP8868 MPS-MP8868 Datasheet
2Mb / 27P
High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8762H MPS-MP8762H Datasheet
2Mb / 36P
High Efficiency, 10A, 18V Synchronous Step-down Converter
EV8714-LE-00A MPS-EV8714-LE-00A Datasheet
396Kb / 6P
High Efficiency,10A,17V, Synchronous Step-Down Converter Evaluation Board
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
MP8770 MPS-MP8770 Datasheet
1Mb / 23P
17V, 8A, 700kHz, High-Efficiency, Synchronous, Step-Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com