Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8772 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8772
Description  12A, 17V, 700kHz Synchronous Step-down Converter with PG and External Soft Start in 3x3mm QFN package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8772 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8772 Datasheet HTML 12Page - Monolithic Power Systems MP8772 Datasheet HTML 13Page - Monolithic Power Systems MP8772 Datasheet HTML 14Page - Monolithic Power Systems MP8772 Datasheet HTML 15Page - Monolithic Power Systems MP8772 Datasheet HTML 16Page - Monolithic Power Systems MP8772 Datasheet HTML 17Page - Monolithic Power Systems MP8772 Datasheet HTML 18Page - Monolithic Power Systems MP8772 Datasheet HTML 19Page - Monolithic Power Systems MP8772 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MP8772
– 17V, 12A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8772 Rev. 1.0
www.MonolithicPower.com
16
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Figure 5: PG Clamped Voltage vs. Pull-Up
Current
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
The MP8772 has a valley-limit control. The LS-
FET monitors the current flowing through the LS-
FET. The HS-FET waits until the valley current
limit is removed before turning on again.
Meanwhile, the output voltage drops until VFB is
below the under-voltage (UV) threshold (typically
50% below the reference). Once UV is triggered,
the MP8772 enters hiccup mode to restart the
part periodically.
During over-current protection (OCP), the device
attempts to recover from the over-current fault
with hiccup mode. This means that the chip
disables the output power stage, discharges the
soft-start capacitor, and attempts to soft start
again automatically. If the over-current condition
still remains after the soft start ends, the device
repeats this operation cycle until the over-current
condition disappears, and then the output rises
back to the regulation level. OCP is a non-latch
protection.
Pre-Bias Start-Up
The MP8772 is designed for monotonic start-up
into pre-biased loads. If the output is pre-biased
to a certain voltage during start-up, the BST
voltage is refreshed and charged, and the
voltage on the soft-start capacitor is charged as
well. If the BST voltage exceeds its rising
threshold voltage and the soft-start capacitor
voltage exceeds the sensed output voltage at FB,
the part begins working normally.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds
150°C, the entire chip shuts down. When the
temperature falls below its lower threshold
(typically 130°C), the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection with a rising
threshold of 1.7V and a hysteresis of 150mV. VIN
regulates
the
bootstrap
capacitor
voltage
internally through D1, M1, R4, C4, Lo, and Co
(see Figure 6). If VIN - VSW exceeds 5V, U2
regulates M1 to maintain a 3.3V BST voltage
across
C4.
The
BST
resistor
(R4)
is
recommended to be
less than 4.7Ω.
Vin
M1
C4
SW
VOUT
Co
3.3V
Lo
D1
R4
U2
Figure 6: Internal Bootstrap Charger
Start-Up and Shutdown Circuit
If both VIN and EN exceed their respective
thresholds, the chip starts up. The reference
block starts first, generating a stable reference
voltage and current, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuits.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. The shutdown
procedure starts by blocking the signaling path
initially to avoid any fault triggering. The internal
supply rail is then pulled down.
0
0.2
0.4
0.6
0.8
1
1.2
0
1
2
3
4
5
PULL UP CURRENT (mA)
PG Clamped Voltage vs. Pull Up Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com