Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8772 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8772
Description  12A, 17V, 700kHz Synchronous Step-down Converter with PG and External Soft Start in 3x3mm QFN package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8772 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8772 Datasheet HTML 1Page - Monolithic Power Systems MP8772 Datasheet HTML 2Page - Monolithic Power Systems MP8772 Datasheet HTML 3Page - Monolithic Power Systems MP8772 Datasheet HTML 4Page - Monolithic Power Systems MP8772 Datasheet HTML 5Page - Monolithic Power Systems MP8772 Datasheet HTML 6Page - Monolithic Power Systems MP8772 Datasheet HTML 7Page - Monolithic Power Systems MP8772 Datasheet HTML 8Page - Monolithic Power Systems MP8772 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP8772
12A, 17V, 700kHz Synchronous Step-down
Converter with PG and External Soft
Start in 3x3mm QFN package
MP8772 Rev. 1.0
www.MonolithicPower.com
1
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP8772 is a fully integrated, high-frequency,
synchronous, rectified, step-down, switch-mode
converter with internal power MOSFETs. The
MP8772 offers a very compact solution that
achieves 12A of continuous output current with
excellent load and line regulation over a wide
input range. The MP8772 uses synchronous
mode operation for higher efficiency over the
output current load range.
Constant-on-time
(COT)
control
operation
provides very fast transient response, easy loop
design, and very tight output regulation.
Full protection features include short-circuit
protection (SCP), over-current protection (OCP),
under-voltage protection (UVP), and thermal
shutdown.
The MP8772 requires a minimal number of
readily available, standard, external components
and is available in a space-saving QFN-16
(3mmx3mm) package.
FEATURES
 Output Adjustable from 0.6V
 Wide 4.5V to 17V Operating Input Range
 12A Output Current
 16mΩ/5.5mΩ Low R
DS(ON) Internal Power
MOSFETs
 100μA Quiescent Current
 High-Efficiency Synchronous Mode
Operation
 Pre-Biased Start-Up
 Fixed 700kHz Switching Frequency
 External Programmable Soft Start-Up Time
 Enable (EN) and Power Good (PG) for
Power Sequencing
 Over-Current Protection (OCP) and Hiccup
 Thermal Shutdown
 Available in a QFN-16 (3mmx3mm)
Package
APPLICATIONS
 Security Cameras
 Portable Devices, XDSL Devices
 Digital Set-Top Boxes
 Flat-Panel Television and Monitors
 General Purpose
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
VCC
PG
ENABLE
FB
SS
EN
C5
22nF
PG
VIN
C1
22µFx2
SW
BST
C3
0.1µF
VOUT
C2
22µFx4
R1
20kΩ
R2
30kΩ
1V/12A
C4
1µF
L1
0.56µH
MP8772
4.5V-17V
R4
1kΩ
Efficiency vs. Load Current
VOUT = 1V, L = 0.56
μH, DCR = 1.5mΩ
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
LOAD CURRENT(A)
VIN=5V
VIN=12V


Similar Part No. - MP8772

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8770 MPS-MP8770 Datasheet
1Mb / 23P
17V, 8A, 700kHz, High-Efficiency, Synchronous, Step-Down
MP8770GQ MPS-MP8770GQ Datasheet
1Mb / 23P
17V, 8A, 700kHz, High-Efficiency, Synchronous, Step-Down
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
MP8771 MPS-MP8771 Datasheet
811Kb / 24P
18V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
2/24/2020 Rev. 1.11
MP8771GQ MPS-MP8771GQ Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
More results

Similar Description - MP8772

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150_13 Datasheet
1Mb / 34P
3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_14 Datasheet
1Mb / 37P
3-17V 3A Step-Down Converter in 3x3 QFN Package
logo
Monolithic Power System...
MP2269 MPS-MP2269 Datasheet
1Mb / 19P
3.3V - 30V, 1A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in 2x3mm QFN Package
MP8712 MPS-MP8712 Datasheet
1Mb / 26P
High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
MP8714 MPS-MP8714 Datasheet
788Kb / 20P
High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
MP8774 MPS-MP8774 Datasheet
1Mb / 24P
12A, Wide Input 3V-18V, 700kHz Synchronous Step-Down Converter with PG and External Soft Start in 3x3mm QFN package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com