Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3430WDRCR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3430WDRCR
Description  Window Watchdog Timer with Programmable Reset Delay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3430WDRCR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS3430WDRCR Datasheet HTML 18Page - Texas Instruments TPS3430WDRCR Datasheet HTML 19Page - Texas Instruments TPS3430WDRCR Datasheet HTML 20Page - Texas Instruments TPS3430WDRCR Datasheet HTML 21Page - Texas Instruments TPS3430WDRCR Datasheet HTML 22Page - Texas Instruments TPS3430WDRCR Datasheet HTML 23Page - Texas Instruments TPS3430WDRCR Datasheet HTML 24Page - Texas Instruments TPS3430WDRCR Datasheet HTML 25Page - Texas Instruments TPS3430WDRCR Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
NC
VDD1
GND
TPS3430
VDD2
1.8 V
Microcontroller
SET1
VCORE
CRST
GND
WDO
NMI
CWD
SET0
WDI
GPIO
0.1 µF
WDO
VDD
WATCHDOG
CONTROL
22
TPS3430
SBVS366 – JULY 2018
www.ti.com
Product Folder Links: TPS3430
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.2.1.2.3
Calculating the WDO Pull-up Resistor - Design 1
Figure 19 shows the TPS3430 uses an open-drain configuration for the WDO circuit. When the FET is off, the
resistor pulls the drain of the transistor to VDD and when the FET is turned on, the FET attempts to pull the drain
to ground, thus creating an effective resistor divider. The resistors in this divider must be chosen to ensure that
VOL is below its maximum value. To choose the proper pull-up resistor, there are three key specifications to keep
in mind: the pull-up voltage (VPU), the recommended maximum WDO pin current (IWDO), and VOL. The maximum
VOL is 0.4 V, meaning that the effective resistor divider created must be able to bring the voltage on the reset pin
below 0.4 V with IWDO kept below 10 mA. For this example, with a VPU of 3.3 V, a resistor must be chosen to
keep IWDO below 200 μA because this value is the maximum consumption current allowed. To ensure this
specification is met, a pull-up resistor value of 16.5 kΩ is selected, which sinks a maximum of 200 μA when
WDO is asserted. WDO current is at 200 μA and the low-level output voltage is approximately zero.
Figure 19. Open-Drain WDO Configuration
8.2.2 Monitoring Microcontroller with a Programmed Window Watchdog Timer - Design 2
A typical application for the TPS3430 is shown in Figure 20. The TPS3430 is used to monitor the activity of the
microcontroller via the WDI pin.
Figure 20. Monitoring Microcontroller Using a Window Watchdog Timer with Programmable Watchdog
Reset Delay
8.2.2.1 Design Requirements - Design 2
PARAMETER
DESIGN REQUIREMENT
DESIGN RESULT
Watchdog Reset delay
Minimum reset delay of 250 ms
Minimum reset delay of 260 ms, reset delay of 322
ms (typical)
Watchdog window
Functions with a 30-Hz pulse-width modulation
(PWM) signal with a 50% duty cycle
Leaving the CWD pin unconnected with SET0 = 0
and SET1 = 0 produces a window with a tWDL(max)
of 25.9 ms and a tWDU(min) of 46.8 ms
Output logic voltage
1.8-V CMOS
1.8-V CMOS
Maximum device current
consumption
200 µA
10 µA of current consumption, typical worst-case of
199 µA when WDO is asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com