Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3430WDRCR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3430WDRCR
Description  Window Watchdog Timer with Programmable Reset Delay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3430WDRCR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS3430WDRCR Datasheet HTML 9Page - Texas Instruments TPS3430WDRCR Datasheet HTML 10Page - Texas Instruments TPS3430WDRCR Datasheet HTML 11Page - Texas Instruments TPS3430WDRCR Datasheet HTML 12Page - Texas Instruments TPS3430WDRCR Datasheet HTML 13Page - Texas Instruments TPS3430WDRCR Datasheet HTML 14Page - Texas Instruments TPS3430WDRCR Datasheet HTML 15Page - Texas Instruments TPS3430WDRCR Datasheet HTML 16Page - Texas Instruments TPS3430WDRCR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
tWDL(min)
Window
Timing
WDI
tWDL(typ)
tWDL(max)
tWDU(min)
tWDU(typ)
tWDU(max)
WDO
= Tolerance Window
Early Fault
WDO
Late Fault
WDI
Valid
Window
Correct Operation
WDI
WDO
13
TPS3430
www.ti.com
SBVS366 – JULY 2018
Product Folder Links: TPS3430
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Window Watchdog Timer
This section provides information for the window watchdog modes of operation. A window watchdog is typically
employed in safety critical applications where a traditional watchdog timer is inadequate. In a traditional
watchdog, there is a maximum time in which a pulse must be issued to prevent the reset from occurring.
However, in a window watchdog the pulse must be issued between a maximum lower window time (tWDL(max))
and the minimum upper window time (tWDU(min)) set by the CWD pin and the SET0 and SET1 pins. Table 6
describes how tWDU can be used to calculate the timing of tWDL. The tWDL timing can also be changed by
adjusting the SET0 and SET1 pins. Figure 12 shows the valid region for a WDI pulse to be issued to prevent the
WDO from being triggered and being pulled low.
Figure 12. TPS3430 Window Watchdog Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com