Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1308 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA1308
Description  Class AB stereo headphone driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1308 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1308 Datasheet HTML 3Page - NXP Semiconductors TDA1308 Datasheet HTML 4Page - NXP Semiconductors TDA1308 Datasheet HTML 5Page - NXP Semiconductors TDA1308 Datasheet HTML 6Page - NXP Semiconductors TDA1308 Datasheet HTML 7Page - NXP Semiconductors TDA1308 Datasheet HTML 8Page - NXP Semiconductors TDA1308 Datasheet HTML 9Page - NXP Semiconductors TDA1308 Datasheet HTML 10Page - NXP Semiconductors TDA1308 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2002 Jul 19
7
Philips Semiconductors
Product specification
Class AB stereo headphone driver
TDA1308; TDA1308A
handbook, full pagewidth
MKA783
1
2
3
5
6
74
8
R5
10 k
Ω
R6
10 k
Ω
C3
1
µF
R1
22 k
Ω
C8
C7
R4
C4
R3
C5
1 nF
R2
BCK
WS
DATA
VDD
Vref
5
4
1
2
3
6
7
8
3.9 k
Ω
33 k
Ω
C2
10
µF
C1
100 nF
3.9 k
Ω
1 nF
100
µF
100
µF
C6
100
µF
TDA1308(A)
TDA1545A
Fig.5 Example of application with TDA1545A (stereo continuous calibration DAC).
handbook, halfpage
0
40
80
MKA784
10−2
10−3
fi (Hz)
Gv
(dB)
10−4
10−5
10−6
10−7
10−8
no load
RL = 32 Ω
Fig.6
Open-loop gain as a function of input
frequency.
handbook, halfpage
−130
−110
−70
−90
MKA785
10−2
10−1
10−3
10−4
10−5
fi (Hz)
Gv
(dB)
32
Ω
RL = 16 Ω
5 k
Ω
Fig.7 Crosstalk as a function of input frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com