Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1308 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1308
Description  Class AB stereo headphone driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1308 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1308 Datasheet HTML 1Page - NXP Semiconductors TDA1308 Datasheet HTML 2Page - NXP Semiconductors TDA1308 Datasheet HTML 3Page - NXP Semiconductors TDA1308 Datasheet HTML 4Page - NXP Semiconductors TDA1308 Datasheet HTML 5Page - NXP Semiconductors TDA1308 Datasheet HTML 6Page - NXP Semiconductors TDA1308 Datasheet HTML 7Page - NXP Semiconductors TDA1308 Datasheet HTML 8Page - NXP Semiconductors TDA1308 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2002 Jul 19
2
Philips Semiconductors
Product specification
Class AB stereo headphone driver
TDA1308; TDA1308A
FEATURES
• Wide temperature range
• No switch ON/OFF clicks
• Excellent power supply ripple rejection
• Low power consumption
• Short-circuit resistant
• High performance
– high signal-to-noise ratio
– high slew rate
– low distortion
• Large output voltage swing.
GENERAL DESCRIPTION
The TDA1308; TDA1308A is an integrated class AB stereo
headphone driver contained in an SO8, DIP8 or a TSSOP8
plastic package. The device is fabricated in a 1 mm CMOS
process and has been primarily developed for portable
digital audio applications.
The difference between the TDA1308 and the TDA1308A
is that the TDA1308A can be used at low supply voltages.
QUICK REFERENCE DATA
VDD =5V; VSS =0V; Tamb =25 °C; fi = 1 kHz; RL =32 Ω; unless otherwise specified.
Notes
1. VDD = 5 V; VO(p-p) = 3.5 V (at 0 dB).
2. VDD = 2.4 V; VO(p-p) = 1.62 V (at −4.8 dBV); for TDA1308A only.
3. VDD = 2.4 V; VO(p-p) = 1.19 V (at −7.96 dBV); for TDA1308A only.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
TDA1308
single
3.0
5.0
7.0
V
dual
1.5
2.5
3.5
V
supply voltage
TDA1308A
single
2.4
5.0
7.0
V
dual
1.2
2.5
3.5
V
VSS
negative supply voltage
−1.5
−2.5
−3.5
V
IDD
supply current
no load
−
35mA
Ptot
total power dissipation
no load
−
15
25
mW
Po
maximum output power
THD < 0.1%; note 1
−
60
−
mW
(THD + N)/S
total harmonic distortion
plus noise-to-signal ratio
note 1
−
0.03
0.06
%
−−70
−65
dB
RL =5kΩ; note 2
−−92
−89
dB
RL =5kΩ; note 3
−−52
−40
dB
RL =5kΩ−
−101
−
dB
S/N
signal-to-noise ratio
100
110
−
dB
α
cs
channel separation
−
70
−
dB
RL = 5 kΩ−
105
−
dB
PSRR
power supply ripple rejection fi = 100 Hz; Vripple(p-p) = 100 mV
−
90
−
dB
Tamb
ambient temperature
−40
−
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com