Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFA9841J Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TFA9841J
Description  1-channel audio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TFA9841J Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TFA9841J Datasheet HTML 9Page - NXP Semiconductors TFA9841J Datasheet HTML 10Page - NXP Semiconductors TFA9841J Datasheet HTML 11Page - NXP Semiconductors TFA9841J Datasheet HTML 12Page - NXP Semiconductors TFA9841J Datasheet HTML 13Page - NXP Semiconductors TFA9841J Datasheet HTML 14Page - NXP Semiconductors TFA9841J Datasheet HTML 15Page - NXP Semiconductors TFA9841J Datasheet HTML 16Page - NXP Semiconductors TFA9841J Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Philips Semiconductors
TFA9841J
1-channel audio amplifier (1 x SE)
Preliminary data
Rev. 01 — 06 February 2004
13 of 17
9397 750 12014
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
15. Package outline
Fig 14. DBS9P package outline.
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
2. Plastic surface within circle area D1 may protrude 0.04 mm maximum.
SOT523-1
0
10 mm
5
scale
w M
bp
Dh
q1
Z
19
e
e1
m
e2
x
A2
non-concave
D1
D
P
k
q2
L3
L2
L
Qc
E
00-07-03
03-03-12
DBS9P: plastic DIL-bent-SIL power package; 9 leads (lead length 12/11 mm); exposed die pad
SOT523-1
view B: mounting base side
B
UNIT
bp
L1
cD(1)
Dh
Lq2
mm
2.7
2.3
A2
(2)
0.80
0.65
0.58
0.48
13.2
12.8
D1
(2)
6.2
5.8
3.5
Eh
3.5
e
2.54
e1
1.27
e2
5.08
4.85
Q
E(1)
14.7
14.3
Z(1)
1.65
1.10
11.4
10.0
L2
6.7
5.5
L3
4.5
3.7
3.4
3.1
1.15
0.85
q
17.5
16.3
q1
2.8
m
0.8
v
3.8
3.6
3
2
12.4
11.0
P
k
0.02
x
0.3
w
Eh
L1
q
v M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com