Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFA9841J Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TFA9841J
Description  1-channel audio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TFA9841J Datasheet(HTML) 2 Page - NXP Semiconductors

  TFA9841J Datasheet HTML 1Page - NXP Semiconductors TFA9841J Datasheet HTML 2Page - NXP Semiconductors TFA9841J Datasheet HTML 3Page - NXP Semiconductors TFA9841J Datasheet HTML 4Page - NXP Semiconductors TFA9841J Datasheet HTML 5Page - NXP Semiconductors TFA9841J Datasheet HTML 6Page - NXP Semiconductors TFA9841J Datasheet HTML 7Page - NXP Semiconductors TFA9841J Datasheet HTML 8Page - NXP Semiconductors TFA9841J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Philips Semiconductors
TFA9841J
1-channel audio amplifier (1 x SE)
Preliminary data
Rev. 01 — 06 February 2004
2 of 17
9397 750 12014
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
4.
Quick reference data
5.
Ordering information
6.
Block diagram
Table 1:
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
operating
9
17
26
V
no signal
-
-
28
V
Iq
quiescent supply current VCC =18V; RL = ∞
-
60
100
mA
Istb
standby supply current
-
-
10
µA
Po
output power
VCC =17V; RL =4 Ω;
THD = 10 %
7
7.5
-
W
THD
total harmonic distortion
Po = 1 W
-
0.1
0.5
%
Gv
voltage gain
25
26
27
dB
SVRR
supply voltage ripple
rejection
f = 1 kHz
-
60
-
dB
Table 2:
Ordering information
Type
number
Package
Name
Description
Version
TFA9841J
DBS9P
plastic DIL-bent-SIL power package; 9 leads
(lead length 12/11 mm); exposed die pad
SOT523 -1
Fig 1.
Block diagram.
MDB795
STANDBY
MUTE
ON
SHORT-CIRCUIT
AND
TEMPERATURE
PROTECTION
VREF
0.5VCC
VCC
VCC
9
IN1
−
OUT1
−
SVR
CIV
MODE
3
1
7
2
6
5
GND
4, 8
n.c.
TFA9841J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com