Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EALP05RDDYA5 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # EALP05RDDYA5
Description  Choice of various viewing angles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EALP05RDDYA5 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  EALP05RDDYA5 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EALP05RDDYA5 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EALP05RDDYA5 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EALP05RDDYA5 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EALP05RDDYA5 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EALP05RDDYA5 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EALP05RDDYA5 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EALP05RDDYA5 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DATASHEET
LAMP
EALP05RDDYA5
4
Copyright © 2010, Everlight All Rights Reserved. Release Date : Jul
.07.2014. Issue No: DLE-xxxxxxx_Rev.1
www.everlightamericas.com
Package Dimension
Note:
1.All dimensions are in millimeters, and tolerance is
± 0.25mm except being specified.
2.Lead spacing is measured where the lead emerges from the package.
3.Protruded resin under flange is 1.5mm Max. LED.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com