Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EALP05RDDYA5 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # EALP05RDDYA5
Description  Choice of various viewing angles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EALP05RDDYA5 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  EALP05RDDYA5 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EALP05RDDYA5 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EALP05RDDYA5 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EALP05RDDYA5 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EALP05RDDYA5 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EALP05RDDYA5 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EALP05RDDYA5 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EALP05RDDYA5 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DATASHEET
LAMP
EALP05RDDYA5
6
Copyright © 2010, Everlight All Rights Reserved. Release Date : Jul
.07.2014. Issue No: DLE-xxxxxxx_Rev.1
www.everlightamericas.com
Prehead
laminar wave
Fluxing
Notes
1.
Lead Forming
During lead formation, the leads should be bent at a point at least 3mm from the base of the epoxy bulb.
Lead forming should be done before soldering.
Avoid stressing the LED package during leads forming. The stress to the base may damage the LED’s characteristics or it
may break the LEDs.
Cut the LED lead frames at room temperature. Cutting the lead frames at high temperatures may cause failure of the LEDs.
When mounting the LEDs onto a PCB, the PCB holes must be aligned exactly with the lead position of the LED. If the LEDs
are mounted with stress at the leads, it causes deterioration of the epoxy resin and this will degrade the LEDs.
2.
Storage
The LEDs should be stored at 30°C or less and 70%RH or less after being shipped from Everlight
Americas and the
storage life limits are 3 months. If the LEDs are stored for 3 months or more, they can be stored for a year in a sealed
container with a nitrogen atmosphere and moisture absorbent material.
Please avoid rapid transitions in ambient temperature, especially, in high humidity environments where condensation can
occur.
3.
Soldering
Careful attention should be paid during soldering. When soldering, leave more then 3mm from solder joint to epoxy bulb,
and soldering beyond the base of the tie bar is recommended.
Recommended soldering conditions:
Hand Soldering
DIP Soldering
Temp. at tip of iron
300
℃ Max. (30W Max.)
Preheat temp.
100
℃ Max. (60 sec Max.)
Soldering time
3 sec Max.
Bath temp. & time
260 Max., 5 sec Max
Distance
3mm Min.(From solder
joint to epoxy bulb)
Distance
3mm Min. (From solder
joint to epoxy bulb)
Recommended soldering profile
Avoiding applying any stress to the lead frame while the LEDs are at high temperature particularly when soldering.
Dip and hand soldering should not be done more than one time
After soldering the LEDs, the epoxy bulb should be protected from mechanical shock or vibration until the LEDs return to



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com