Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT1243 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # THAT1243
Description  Balanced Line Receiver ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT1243 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  THAT1243 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT1243 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT1243 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT1243 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT1243 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT1243 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT1243 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT1243 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Application Notes
The THAT 1240, 1243, and 1246 are precision
differential amplifiers with gains of zero, -3 and -6 dB
respectively, and are primarily intended as balanced
line receivers for pro audio. However, their topology
lends itself to other applications as well.
Figures 3 and 4 show the THAT 1240 and
THAT 1246 configured as zero and -6 dB line receiv-
ers respectively. These devices can be used to retrofit
circuits currently using the SSM 2141, INA134,
SSM2143, or INA137.
While the THAT 1240 and
THAT 1246 are form, fit and functionally compatible
with their competitors’ equivalent versions, their slew
rate and bandwidth are superior.
Like other amplifiers of this type, all of THAT
Corporation’s line receivers can accept common
mode voltages that exceed the power supply rails.
Consider Figure
2. Assume that the circuit is con-
figured as shown, but with no differential excitation.
In+ and In- are shorted together, as are Vout and
Sense. Ref is tied to ground. a and b will be held at
the same voltage by feedback.
The maximum voltage allowed at the internal
node a is VCC minus 2V, while the minimum voltage is
V
EE plus 2V.
The voltage at a can be calculated
aVPK CM
=
-
+
[
]
R4
R3 R4
Isolating V
PK-CM, we see that
Va
PK CM
RR
R
-
+
=
[]
43
4
Thus, the maximum input in dBu would be
VIN
dbu
Vcc
V
RR
R
max
.
log
()
[]
-
´
=
é
ë
ê
ê
ù
û
ú
ú
-
+
20
2
2
43
4
0775
With ±18V supplies, the THAT 1240 can tolerate
a maximum common mode input of 29.3 dBu. Un-
der the same conditions, the THAT1243 can tolerate
30.0 dBu and the THAT 1246 can tolerate 32.9 dBu.
These numbers are slightly higher than the datasheet
specifications, since they’re calculated with a slightly
higher supply voltage. Also note that high levels of
common mode input compromise the maximum dif-
ferential mode signal that can be handled by these
ICs.
Figure 5 shows a THAT 1240 configured as a pre-
cision summing amplifier. This circuit uses both the
In+ and Ref pins as inputs. Refering to Figure 2, it
can be shown by superposition that the voltage at a
will be
aIn
R
R
RR
R
RR
=+
+
++
(
) [][]
4
43
3
43
ef
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax: +1 (508) 478-0990; Web: www.thatcorp.com
Page 4
Balanced Line Receiver ICs
Preliminary Information
Vout
6
In+
3
In-
2
U1
1240
Hi
Lo
Hi - Lo
Sense
Ref
1
5
Figure 3. Zero dB line receiver
Vout
6
In+
3
In-
2
U1
1246
Hi
Lo
(Hi-Lo )*0.5
Sense
Ref
1
5
Figure 4. -6 dB line receiver
Vout
6
In+
3
In-
2
U1
1240
In+
Ref
(In+)+ Ref
Sense
Ref
1
5
Figure 5. Precision summing circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com