Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT1243 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # THAT1243
Description  Balanced Line Receiver ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT1243 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  THAT1243 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT1243 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT1243 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT1243 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT1243 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT1243 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT1243 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT1243 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax: +1 (508) 478-0990; Web: www.thatcorp.com
THA T Corporation
THAT 1240, 1243, 1246
FEATURES
·
High CMRR: typically 90dB at 60Hz
·
Wide bandwidth and high slew rate
·
Low distortion and low noise
·
Available in 0 dB, -3 dB, and -6 dB
versions
·
Pin compatible with SSM2143 and
INA137
APPLICATIONS
·
Balanced Audio Line Receivers
·
Summing Amplifiers
·
Differential Amplifiers
·
Current Shunt Monitors
·
Ground Loop Eliminator
Description
The THAT 124x series of precision differential
amplifiers are designed primarily for use as audio
balanced line receivers. Gains of 0 db, -3 dB, and
-6 dB are available to suit various applications re-
quirements.
The THAT 1246 is drop-in compatible with
the Burr-Brown INA137 and Analog Devices
SSM2143, while the THAT 1240 is drop-in com-
patible with the SSM2140.
All devices exhibit 90 dB of typical com-
mon-mode rejection, slew rates of 12 V/
ms, a
20MHz bandwidth, and 0.0006% THD. Both sur-
face-mount and DIP packages are available.
The THAT 124x family are laser-trimmed to
obtain the precision resistor matching needed for
high CMR performance. Fashioned in THAT Cor-
poration's proprietary dielectric isolation (DI)
process, the THAT 124x series provides the sonic
benefit of discrete designs, with the compact size,
reliability, matching, and thermal tracking of a
fully integrated solution.
Sense
Vout
Ref
Vcc
Vee
In+
In-
NC
Figure 1. THAT1240-series equivalent circuit diagram
Gain
Plastic DIP
Plastic SO
0 dB
1240P
1240S
-3 dB
1243P
1243S
-6 dB
1246P
1246S
Table 2. Ordering information
Pin Name
DIP Pin
SO Pin
Ref
1
1
In-
2
2
In+
3
3
Vee
4
4
Sense
5
5
Vout
6
6
Vcc
7
7
NC
8
8
Table 1. 1240 Series pin assignments
Balanced Line Receiver ICs


Similar Part No. - THAT1243

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT120 ETC1-THAT120 Datasheet
43Kb / 2P
Quad Low-Noise PNP Transistor Array
THAT1200 ETC1-THAT1200 Datasheet
157Kb / 10P
InGenius High-CMRR Balanced Input Line Receiver
THAT1203 ETC1-THAT1203 Datasheet
157Kb / 10P
InGenius High-CMRR Balanced Input Line Receiver
THAT1206 ETC1-THAT1206 Datasheet
157Kb / 10P
InGenius High-CMRR Balanced Input Line Receiver
More results

Similar Description - THAT1243

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2142 AD-SSM2142 Datasheet
227Kb / 6P
Balanced Line Driver
REV.B
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134 Datasheet
229Kb / 10P
AUDIO BALANCED LINE DRIVERS
logo
List of Unclassifed Man...
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
Balanced Line Drivers
logo
Mitsubishi Electric Sem...
M54654P MITSUBISHI-M54654P Datasheet
421Kb / 4P
QUADRUPLE LINE RECEIVER(BIPOLAR DIGITAL ICs)
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
List of Unclassifed Man...
THAT1206 ETC1-THAT1206 Datasheet
157Kb / 10P
InGenius High-CMRR Balanced Input Line Receiver
logo
Analog Devices
SSM2142PZ AD-SSM2142PZ Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
High CMR Line Receiver Optocouplers Isolated line receiver
logo
Analog Devices
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com