Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT1420 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # THAT1420
Description  Balanced Line Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT1420 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  THAT1420 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT1420 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT1420 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT1420 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT1420 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT1420 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT1420 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT1420 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Theory of Operation
OutSmartsÔ technology
The THAT 1420 and 1430 are similar devices,
both employing the OutSmarts topology, a variation
of circuitry originally developed at Audio Toys, Inc.
OutSmarts topology employs two negative-feedback
loops -- one to control the differential signal, and a
separate loop to control the common mode output
levels.
Figures 2 and 3 show the gain core common to
both the THAT 1420 and 1430. The gain core is a
single amplifier that includes two differential input
pairs, Cin+/- and Din+/-, and complementary outputs,
Vout+ and Vout-, related to each other by two gain ex-
pressions, AD(s) and AC(s). The first pair of differen-
tial inputs, Din+/-, are connected to the differential
feedback network between the outputs and the input
signal. The second differential input pair, Cin+/-,is
connected to a bridge circuit which generates an er-
ror signal that is used to servo the common-mode be-
havior of the outputs. The loop equations are then,
()
DD
D
A D
D
OUT
OUT
OUT
D
IN
IN
+-
+
-
-=
=
-
D
where AD is the differential open-loop gain, and
()
DD
D
A C
C
OUT
OUT
OUT
C
IN
IN
+-
+
-
+=
=
-
å
where AC is the common-mode open-loop gain.
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax: +1 (508) 478-0990; Web: www.thatcorp.com
Rev. 4/24/01
Page 3
Preliminary Information
Electrical Characteristics (cont’d.)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Differential Output Offset
VOOD
RL=600W
-10
±4
10
mV
Differential Output
Voltage Swing,Pos
VIN = ±18V
VCC-2
V
Differential Output
Voltage Swing,Neg
VIN = ±18V
VEE+2
V
Output Impedance
ZO
40
50
60
W
Quiescent Supply Current
IS
Unloaded, VIN = 0
4
5.2
mA
Short Circuit Output Current
ISC
60
70
mA
Voltage Supply Range
±4
±18
V
Din+
Cin+
Cin-
Din-
Out-
Sens+
Out+
Sens-
Vcc
In+
Vee
Gnd
Dout-
Dout+
10k
10k
50
5k
5k
10k
10k
10k
10k
20k
20k
10p
50
THAT 1420
CEXT
CEXT
D
C
AA
&
Figure 2. THAT 1420 Equivalent Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com