Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT1420 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # THAT1420
Description  Balanced Line Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT1420 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  THAT1420 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT1420 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT1420 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT1420 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT1420 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT1420 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT1420 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT1420 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
tual worst case peak level for various types of music
and speech will be flat out to 5kHz, and roll off at
6dB/octave above this frequency. Thus the peak lev-
els at 20kHz will be 12dB below those at 5kHz.
Using these, we can calculate the required slew
rate and current drive. Since both outputs can swing
±11V, the VPeak is actually 22V (below 5kHz), and at
20kHz, VPeak is 5.5V. Therefore,
dV
dt
V
s
VkHz
=´
´
=
25 5
20
0 69
p
m
..
As a consequence,
ift
mA
pF
ft
pF
ft
pF
ft
V
s
=´
+
+
´
»
500
30
25
25
0 69
28
()
.
m
Thus, driving this 40nF cable requires 28mAPeak
(well within the 1420/1403’s capabilities). Figure 4
shows the most basic connection between the THAT
1420 and a typical line receiver (like the THAT
1243). The only external components that are abso-
lutely required are the local 100nF bypass capaci-
tors, and these could, in fact, be shared with another
nearby component. There are no common mode out-
put offset reduction capacitors, and the line driver’s
outputs are connected directly to their respective
sense inputs. The outputs are also DC coupled to the
line receiver. If large common mode voltages are ex-
pected, the designer may choose to incorporate large,
non-polarized capacitors to isolate the THAT 1420’s
outputs.
Figure 5 shows the basic THAT 1430 applications
circuit. This circuit includes external components
for common mode offset reduction. This IC is spe-
cially designed to allow common mode offset reduc-
tion with only a small resistor and capacitor, and is
ideal for new designs where space is at a premium.
Other considerations that apply to the THAT 1420
apply to the THAT 1430.
Figure 6 shows a THAT 1420 with common mode
offset reduction, RFI protection and surge protection,
but these last two additions could be added to the
THAT 1430 as well. One should also note that the
THAT 1420 is pin-for-pin compatible with industry
standard line drivers.
These line drivers can easily drive cables hun-
dreds of feet in length without becoming unstable,
but attaching such a long cable can act as an antenna
(even for AM stations) which can pick up RFI and di-
rect it into the circuit. C3 and C8 are 100pF capaci-
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax: +1 (508) 478-0990; Web: www.thatcorp.com
Page 6
THAT1420/1430 Balanced Line Driver
Preliminary Information
In
4
Gnd
3
5
2
Out-
1
Out+
8
7
6
U1
THAT1430
In
Vcc
Vee
C1
100n
1
In-
2
In+
3
4
7
Out
6
U2
THAT1243 or equiv.
Vee
Vcc
Out
C4
100n
C5
100n
C6
100n
C7
100n
Vcc
Cap1
Vee
Cap2
Vcc
Vee
Ref
R1
1M0
Figure 5. Basic THAT 1430 application circuit with output common mode offset reduction



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com