Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16C554AI Datasheet(PDF) 6 Page - Texas Instruments

Part # TL16C554AI
Description  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C554AI Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL16C554AI Datasheet HTML 2Page - Texas Instruments TL16C554AI Datasheet HTML 3Page - Texas Instruments TL16C554AI Datasheet HTML 4Page - Texas Instruments TL16C554AI Datasheet HTML 5Page - Texas Instruments TL16C554AI Datasheet HTML 6Page - Texas Instruments TL16C554AI Datasheet HTML 7Page - Texas Instruments TL16C554AI Datasheet HTML 8Page - Texas Instruments TL16C554AI Datasheet HTML 9Page - Texas Instruments TL16C554AI Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509A – AUGUST 2001 – REVISED JULY 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NAME
FN
NO.
PN
NO.
I/O
DESCRIPTION
RXA, RXB
RXC, RXD
7, 29,
41, 63
17, 44,
57, 4
I
Serial input. RXx is a serial-data input from a connected communications device. During loopback
mode, the RXx input is disabled from external connection and connected to the TXx output internally.
RXRDY
38
54
O
Receive ready. RXRDY goes low when the receive FIFO is full. It can be used as a single transfer
or multitransfer.
TXA, TXB
TXC, TXD
17, 19,
51, 53
29, 32,
69, 72
O
Transmit outputs. TXx is a composite serial-data output connected to a communications device.
TXA, TXB, TXC, and TXD are set to the marking (high) state as a result of reset.
TXRDY
39
55
O
Transmit ready. TXRDY goes low when the transmit FIFO is full. It can be used as a single transfer
or multitransfer function.
VCC
13, 30,
47, 64
5, 25,
45, 65
Power supply
XTAL1
35
50
I
Crystal input 1 or external clock input. A crystal can be connected to XTAL1 and XTAL2 to utilize the
internal oscillator circuit. An external clock can be connected to drive the internal-clock circuits.
XTAL2
36
51
O
Crystal output 2 or buffered clock output (see XTAL1).
absolute maximum ratings over free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC (see Note 1)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range at any input, VI
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.5 V to VCC + 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total-power dissipation at (or below) 70
°C
500 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TL16C554A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TL16C554AI
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage levels are with respect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com