Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL16C554AI Datasheet(PDF) 8 Page - Texas Instruments

Part # TL16C554AI
Description  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C554AI Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL16C554AI Datasheet HTML 2Page - Texas Instruments TL16C554AI Datasheet HTML 3Page - Texas Instruments TL16C554AI Datasheet HTML 4Page - Texas Instruments TL16C554AI Datasheet HTML 5Page - Texas Instruments TL16C554AI Datasheet HTML 6Page - Texas Instruments TL16C554AI Datasheet HTML 7Page - Texas Instruments TL16C554AI Datasheet HTML 8Page - Texas Instruments TL16C554AI Datasheet HTML 9Page - Texas Instruments TL16C554AI Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509A – AUGUST 2001 – REVISED JULY 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions, low voltage (3.3-V nominal)
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
Clock high-level input voltage at XTAL1, VIH(CLK)
2
VCC
V
Clock low-level input voltage at XTAL1, VIL(CLK)
– 0.5
0.8
V
High-level input voltage, VIH
2
VCC
V
Low-level input voltage, VIL
– 0.5
0.8
V
Clock frequency, fclock
16
MHz
Operating free-air temperature TA
TL16C554A
0
70
°C
O erating free-air tem erature, TA
TL16C554AI
–40
85
°C
electrical characteristics over recommended ranges of operating free-air temperature and supply
voltage, low voltage (3.3-V nominal) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH‡
High-level output voltage
IOH = – 1 mA
2.4
V
VOL‡
Low-level output voltage
IOL = 1.6 mA
0.4
V
IIkg
Input leakage current
VCC = 3.6 V,
GND = 0,
VI = 0 to 3.6 V,
All other terminals floating
±10
µA
IOZ
High-impedance output
current
VCC = 3.6 V,
GND = 0,
VO = 0 to 3.6 V,
Chip selected in write mode or chip deselected
±20
µA
ICC
Supply current
VCC = 3.6 V,
TA = 25°C,
RX, DSR, DCD, CTS, and RI at 2 V,
All other inputs at 0.8 V, XTAL1 at 4 MHz,
No load on outputs,
Baud rate = 50 kilobits per second
40
mA
Ci(XTAL1)
Clock input capacitance
15
20
pF
Co(XTAL2) Clock output capacitance
VCC = 0, VSS = 0, all other terminals grounded,
20
30
pF
Ci
Input capacitance
CC
SS
g
f = 1 MHz, TA = 25°C
6
10
pF
Co
Output capacitance
10
20
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ These parameters apply for all outputs except XTAL2.
clock timing requirements over recommended ranges of operating free-air temperature and supply
voltage (see Figure 1)
MIN
MAX
UNIT
tw1
Pulse duration, clock high (external clock)
31
ns
tw2
Pulse duration, clock low (external clock)
31
ns
tw3
Pulse duration, RESET
1000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com