Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP160J Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP160J
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Triac
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP160J Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP160J Datasheet HTML 1Page - Toshiba Semiconductor TLP160J Datasheet HTML 2Page - Toshiba Semiconductor TLP160J Datasheet HTML 3Page - Toshiba Semiconductor TLP160J Datasheet HTML 4Page - Toshiba Semiconductor TLP160J Datasheet HTML 5Page - Toshiba Semiconductor TLP160J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP160J
2002-09-25
4
Δ
VF / ΔTa – IF
Forward current IF (mA)
-
3.2
-
0.4
0.1
-
2.0
-
1.6
-
1.2
-
0.8
1
3
10
30 50
-
2.4
0.3
-
2.8
IT(RMS) – Ta
Ambient temperature Ta (°C)
120
-
20
0
100
80
60
20
0
40
80
100
120
60
20
40
IF – VF
Forward voltage VF (V)
100
0.1
0.6
30
10
3
1
0.3
0.8
1.0
1.2
1.4
1.6
2.0
Ta = 25°C
50
5
0.5
IFP – VFP
Pulse forward voltage VFP (V)
1000
1
0.6
Pulse width ≤ 10 µs
Repetitive frequency
= 100 Hz
Ta = 25°C
1.0
2.2
2.6
3.0
500
100
50
10
3
1.4
1.8
300
30
5
IF – Ta
120
60
-
20
10
50
40
30
20
0
20
40
80
100
60
0
Ambient temperature Ta (°C)
IFP – DR
Duty cycle ratio DR
3000
1000
100
10
10-
3
3
10-
2
3
10-
1
3
10
0
Pulse width ≤ 100 μs
Ta = 25°C
500
30
50
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com