Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP160J Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP160J
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Triac
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP160J Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP160J Datasheet HTML 1Page - Toshiba Semiconductor TLP160J Datasheet HTML 2Page - Toshiba Semiconductor TLP160J Datasheet HTML 3Page - Toshiba Semiconductor TLP160J Datasheet HTML 4Page - Toshiba Semiconductor TLP160J Datasheet HTML 5Page - Toshiba Semiconductor TLP160J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP160J
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo−Triac
TLP160J
Triac Drive
Programmable Controllers
AC−Output Module
Solid State Relay
The TOSHIBA mini flat coupler TLP160J is a small outline coupler,
suitable for surface mount assembly.
The TLP160J consists of a photo triac, optically coupled to a gallium
arsenide infrared emitting diode.
· Peak off−state voltage: 600 V (min.)
· Trigger LED current: 10 mA (max.)
· On−state current: 70 mA (max.)
· Isolation voltage: 2500 Vrms (min.)
· UL recognized: UL1577, file No. E67349
Trigger LED Current
Trigger LED Current (mA)
VT=6V, Ta=25°C
Classi
-
fication*
Min.
Max.
Marking Of
Classification
(IFT7)
―
7
T7
Standard
―
10
T7, blank
*Ex.
(IFT7); TLP160J (IFT7)
(Note) Application type name for certification test, please
use standard product type name, i.e.
TLP160J (IFT7): TLP160J
Pin Configurations
1. Anode
3. Cathode
4. Terminal 1
6. Terminal 2
1
3
6
4
Unit in mm
TOSHIBA
11
−4C3
Weight: 0.09 g


Similar Part No. - TLP160J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP160J TOSHIBA-TLP160J_14 Datasheet
217Kb / 6P
TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
More results

Similar Description - TLP160J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
TOSHIBA Photocoupler GaAs IRED&Photo-triac
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com