Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2N Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XF2N
Description  Greater Freedom of Board Design with 0.9-mm Profile and Bottom Wall
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2N Datasheet(HTML) 1 Page - Omron Electronics LLC

  XF2N Datasheet HTML 1Page - Omron Electronics LLC XF2N Datasheet HTML 2Page - Omron Electronics LLC XF2N Datasheet HTML 3Page - Omron Electronics LLC XF2N Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
20
Low-profile Rotary Backlock Type (0.5 mm-pitch)
XF2N
Low-profile Rotary Backlock Type (0.5 mm-pitch)
XF2N
Greater Freedom of Board Design with
0.9-mm Profile and Bottom Wall
• Backlock mechanism makes FPC mounting significantly easier.
• Double-sided (upper and lower) contact structure enables
component reductions.
• Applicable FPC thickness, t = 0.2 mm. Gold-plated type.
• Use FPCs with the construction recommended by OMRON.
(Refer to specifications for details.)
• RoHS Compliant.
Ordering Information
Note: 1. Consult your OMRON representative for enquiries related to pin-number specifications.
2. Order an integer multiple of the quantity per reel.
Specifications
I Materials/Finish
Pins (Note 1)
Quantity per reel (Note 2)
Model
21
3,000
XF2N-2115-3
32
XF2N-3215-3
Rated current
0.3A AC/DC
Rated voltage
50V AC/DC
Contact resistance
40 m
Ω max. (at 20 mV max., 100 mA max.)
Insulation resistance
100 M
Ω min. (at 250 V DC)
Withstand voltage
250V AC for 1 min. (leakage current: 1 mA max.)
Insertion tolerance
20 times
Ambient operating temperature -30 to +85°C (with no icing or condensation)
Housing
LCP resin (UL94V-0)/natural
Slider
LCP resin (UL94V-0)/black
Contact
Spring copper alloy/nickel substrate (1.5
µm), gold-plated contacts (0.15µm)
Hold-down
Spring copper alloy/fused-tin plating (1.5
µm)
☞
Not Recommended for
New Designs


Similar Part No. - XF2N

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF2-20 XFMRS-XF2-20 Datasheet
42Kb / 1P
TRANSFORMER
XF2-5GPOL XFMRS-XF2-5GPOL Datasheet
735Kb / 2P
TRANSFORMER MODULES
XF2-5GPOLA XFMRS-XF2-5GPOLA Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLB XFMRS-XF2-5GPOLB Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLC XFMRS-XF2-5GPOLC Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
More results

Similar Description - XF2N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16334 AD-ADIS16334 Datasheet
387Kb / 20P
Low Profile Six Degree of Freedom Inertial Sensor
REV. 0
logo
Lumileds Lighting Compa...
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
Unique LED enabling limitless design freedom
PB185 LUMILEDS-PB185 Datasheet
1Mb / 2P
Unique LED enabling limitless design freedom
logo
PHOENIX CONTACT
2764399 PHOENIX-2764399 Datasheet
81Kb / 4P
Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm
2764881 PHOENIX-2764881 Datasheet
148Kb / 9P
Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm
2764946 PHOENIX-2764946 Datasheet
148Kb / 9P
Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm
2907376 PHOENIX-2907376 Datasheet
149Kb / 9P
Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm
2914563 PHOENIX-2914563 Datasheet
73Kb / 2P
Profile panel mounting base, with a design width of 100 mm and a fixed length of 100 cm
2914576 PHOENIX-2914576 Datasheet
68Kb / 2P
Profile panel mounting base, with a design width of 122 mm and a fixed length of 100 cm
logo
Ledil, Inc.
C13490 LEDIL-C13490 Datasheet
1Mb / 7P
~55째 wide beam with flat bottom structure allowing more freedom in PCB design
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com