Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2N Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XF2N
Description  Greater Freedom of Board Design with 0.9-mm Profile and Bottom Wall
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2N Datasheet(HTML) 2 Page - Omron Electronics LLC

  XF2N Datasheet HTML 1Page - Omron Electronics LLC XF2N Datasheet HTML 2Page - Omron Electronics LLC XF2N Datasheet HTML 3Page - Omron Electronics LLC XF2N Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low-profile Rotary Backlock Type (0.5 mm-pitch)
XF2N
21
Dimensions
Unit: mm
XF2N-
@@15-3
I Tape and Reel Dimensions
Emboss taping specification (Based on taping of electronic parts [JIS C 0806])
Printed Circuit Board Matching Dimensions
Applicable FPC Dimensions
(Top View)
Table of Dimensions
Pins Model
ABCDE
21
XF2N-2115-3
10.0 11.1 13.0 13.8 11.8
32
XF2N-3215-3
15.5 16.6 18.5 19.3 17.3
SEC Y-Y
SEC X-X
DIRECTION OF
DRAWOUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com