Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XF2R
Description  Easier FPC Insertion and Improved Work Efficiency with 0.9-mm Profile and FPC Guide Section
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2R Datasheet(HTML) 1 Page - Omron Electronics LLC

  XF2R Datasheet HTML 1Page - Omron Electronics LLC XF2R Datasheet HTML 2Page - Omron Electronics LLC XF2R Datasheet HTML 3Page - Omron Electronics LLC XF2R Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low-profile Rotary Backlock Type (0.5 mm-pitch)
XF2R
1
Low-profile Rotary Backlock Type (0.5 mm-pitch)
XF2R
Easier FPC Insertion and Improved Work
Efficiency with 0.9-mm Profile and FPC
Guide Section
• Easier FPC insertion with 1.1-mm FPC guide section.
• The effective interface length for terminals has been in-
creased to 1.4 mm to ensure stability in applications with a
lot of movement.
• Double-sided (upper and lower) contact structure enables
component reductions.
• Applicable FPC thickness, t = 0.12 mm. Gold-plated type.
• Use FPCs with the construction recommended by OMRON.
(Refer to specifications for details.)
• RoHS Compliant.
Ordering Information
Note: 1. Consult your OMRON representative for enquiries related to pin-number specifications.
2. Order an integer multiple of the quantity per reel.
Specifications
■ Materials/Finish
Pins (Note 1)
Quantity per reel (Note 2)
Model
63,000
XF2R-0615-4A
9
XF2R-0915-4A
18
XF2R-1815-4A
24
XF2R-2415-4A
34
XF2R-3415-4A
40
XF2R-4015-4A
Rated current
0.3A AC/DC
Rated voltage
50V AC/DC
Contact resistance
40 m
Ω max. (at 20 mV max., 100 mA max.)
Insulation resistance
100 M
Ω min. (at 250V DC)
Withstand voltage
250V AC for 1 min. (leakage current: 1 mA max.)
Insertion tolerance
20 times
Ambient operating temperature -30 to +85°C (with no icing or condensation)
Housing
LCP resin (UL94V-0)/natural
Slider
LCP resin (UL94V-0)/brown
Contact
Spring copper alloy/nickel substrate (1.5
µm), gold-plated contacts (0.15µm)
Hold-down
Spring copper alloy/fused-tin plating (1.5
µm)


Similar Part No. - XF2R

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF2-20 XFMRS-XF2-20 Datasheet
42Kb / 1P
TRANSFORMER
XF2-5GPOL XFMRS-XF2-5GPOL Datasheet
735Kb / 2P
TRANSFORMER MODULES
XF2-5GPOLA XFMRS-XF2-5GPOLA Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLB XFMRS-XF2-5GPOLB Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLC XFMRS-XF2-5GPOLC Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
More results

Similar Description - XF2R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
logo
Omron Electronics LLC
XF2M40151L OMRON-XF2M40151L Datasheet
157Kb / 1P
High-reliability rotary-lock and Superior Work Efficiency.
E3T-CD11 OMRON-E3T-CD11 Datasheet
3Mb / 24P
The Improved E3T Series with Easier, Smoother Mounting and Installation
logo
List of Unclassifed Man...
12FLZ-RSM1-TB ETC2-12FLZ-RSM1-TB Datasheet
133Kb / 5P
Connectors for FFC and FPC
logo
Omron Electronics LLC
E3T-FD11M OMRON-E3T-FD11M Datasheet
3Mb / 24P
The Improved E3T Series with Easier, Smoother Mounting and Installation
XF2N OMRON-XF2N Datasheet
198Kb / 4P
Greater Freedom of Board Design with 0.9-mm Profile and Bottom Wall
logo
Hirose Electric
FH19C HIROSE-FH19C Datasheet
348Kb / 12P
0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
FH35C HIROSE-FH35C Datasheet
368Kb / 12P
0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
0.5mm pitch/Connectors for FFC and FPC
logo
Pulse A Technitrol Comp...
W3961XXXXX PULSE-W3961XXXXX Datasheet
923Kb / 7P
CBRS FPC Antenna FPC Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com