Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XF2R
Description  Easier FPC Insertion and Improved Work Efficiency with 0.9-mm Profile and FPC Guide Section
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2R Datasheet(HTML) 2 Page - Omron Electronics LLC

  XF2R Datasheet HTML 1Page - Omron Electronics LLC XF2R Datasheet HTML 2Page - Omron Electronics LLC XF2R Datasheet HTML 3Page - Omron Electronics LLC XF2R Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Low-profile Rotary Backlock Type (0.5 mm-pitch)
XF2R
Dimensions
Unit: mm
XF2R-
@@15-4A
■ Tape and Reel Dimensions
Emboss taping specification (Based on taping of electronic parts [JIS 0806])
Shape of connector with
FPC inserted
1.4
(Effective interface
length)
2.8
5
(reinforcement board)
2.5
MIN
R0.3MAX
0.35 ±0.03
0.5 ±0.05
0.5 ±0.1
B ±0.05
(C-0.1) ±0.05
0.5 ±0.05
0.85 ±0.03
1.4 ±0.03
Pattern-prohibited Area
If there is a pattern or via hole
in this area, a short-circuit may
occur in the terminals.
B ±0.05
0.5 ±0.05
0.25 ±0.03
0.7
±0.03
connector dimension
3.4
(5.5)
(E-0.3) ±0.05
(D+0.4) ±0.05
4.95
5.5
1.68
note
1.1
1
1.4
0.15
A
B
0.5
1.7
F
G
C
note. The 34-pin type does not have this protrusion
(upper part of of hold-down) .
T=0.12 ±0.03
(Conductive plating)
0.9
B +0.25
Table of Dimensions
Pins Model
A
BCD
E
F
G
6
XF2R-0615-4A
5.0
2.5
3.6
6.1
4.1
4.55
5.35
9
XF2R-0915-4A
6.5
4.0
5.1
7.6
5.6
6.05
6.85
18
XF2R-1815-4A
11.0
8.5
9.6
12.1
10.1 10.55 11.35
24
XF2R-2415-4A
14.0
11.5
12.6
15.1
13.1 13.55 14.35
34
XF2R-3415-4A
19.0
16.5
17.6
20.1
18.1 18.55
—
40
XF2R-4015-4A
22.0
19.5
20.6
23.1
21.1 21.55 22.35
Printed Circuit Board Matching Dimensions (Top View)
Applicable FPC Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com