Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM3 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XM3
Description  The D-sub Connector are Ideal for Office Automation Interfacing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM3 Datasheet(HTML) 3 Page - Omron Electronics LLC

  XM3 Datasheet HTML 1Page - Omron Electronics LLC XM3 Datasheet HTML 2Page - Omron Electronics LLC XM3 Datasheet HTML 3Page - Omron Electronics LLC XM3 Datasheet HTML 4Page - Omron Electronics LLC XM3 Datasheet HTML 5Page - Omron Electronics LLC XM3 Datasheet HTML 6Page - Omron Electronics LLC XM3 Datasheet HTML 7Page - Omron Electronics LLC XM3 Datasheet HTML 8Page - Omron Electronics LLC XM3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
D-sub Connectors
XM3/XM2S
3
XM3B Sockets with Right-angle DIP Terminals
Dimensions
Ordering Information
Note: 1. Use the XM3B-
@@22 (No anchors or grounding fixtures) in combination with suitable Anchors and Grounding Fixtures.
2. Two M3 x 0.5 Tap Hole Grounding Fixtures and an M3 x 0.5 Lock Pin Grounding Fixture for the Anchor Side are provided.
Two, 3.1 dia.
25-contact model shown above.
(With anchor 2, Lock Pin, Grounding Fixtures)
Mounting holes (t = 1.6 mm, bottom view)
Two, 3.2
±0.1 dia.
1
±0.1 dia.
XM3B-
@@22-@@@
No. of
contacts
ABCD
E
F
9
30.8
24.99
16.30
10.96
8.22
2.74
15
39.1
33.32
24.65
19.18
16.44
2.74
25
53.0
47.04
38.35
33.12
30.36
2.76
37
69.3
63.50
54.80
49.68
46.92
2.76
Note: XM3B Sockets were manufactured in accordance with JIS X 5101. Terminal pitches are a mixed arrangement
of 2.77 and 2.74 mm contacts on 25 and 37 contact models as specified in the JIS standard. A pitch of 2.76 mm
is recommended for the mounting holes because of the more advanced numerical control available today.
This is sufficient to avoid any problems.
(unit:mm)
Appearance
Accessories
No. of
contacts
XM2Z-0011 Anchor 2
(M2.6
× 0.45 metric screws)
XM2Z-0013 Anchor 2
(#4-40 UNC inch screws)
XM2Z-0011 Anchor 2 (M2.6
× 0.45
metric screws)
XM2Z-0013 Anchor 2 (#4-40 UNC
inch screws)
XM2Z-0061
Tap Hole Grounding Fixtures
XM2Z-0062
Lock Pin Grounding Fixtures
9
XM3B-0922-111
XM3B-0922-131
XM3B-0922-112
XM3B-0922-132
15
XM3B-1522-111
XM3B-1522-131
XM3B-1522-112
XM3B-1522-132
25
XM3B-2522-111
XM3B-2522-131
XM3B-2522-112
XM3B-2522-132
37
XM3B-3722-111
XM3B-3722-131
XM3B-3722-112
XM3B-3722-132
Appearance
Accessories
No. of
contacts
No anchors
---
XM2Z-0061
Tap Hole Grounding Fixtures
XM2Z-0062
Lock Pin Grounding Fixtures
9
XM3B-0922
XM3B-0922-501
XM3B-0922-502
15
XM3B-1522
XM3B-1522-501
XM3B-1522-502
25
XM3B-2522
XM3B-2522-501
XM3B-2522-502
37
XM3B-3722
XM3B-3722-501
XM3B-3722-502
Tap Hole Grounding
Fixture
Anchor 2
Lock Pin Grounding
Fixture
Anchor 2
Tap Hole Grounding
Fixture
Lock Pin Grounding
Fixture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com