Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM3 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XM3
Description  The D-sub Connector are Ideal for Office Automation Interfacing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM3 Datasheet(HTML) 1 Page - Omron Electronics LLC

  XM3 Datasheet HTML 1Page - Omron Electronics LLC XM3 Datasheet HTML 2Page - Omron Electronics LLC XM3 Datasheet HTML 3Page - Omron Electronics LLC XM3 Datasheet HTML 4Page - Omron Electronics LLC XM3 Datasheet HTML 5Page - Omron Electronics LLC XM3 Datasheet HTML 6Page - Omron Electronics LLC XM3 Datasheet HTML 7Page - Omron Electronics LLC XM3 Datasheet HTML 8Page - Omron Electronics LLC XM3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
D-sub Connectors
XM3/XM2S
1
D-sub Connectors
XM3/XM2S
The D-sub Connector are Ideal for Office
Automation Interfacing
• Shielded against EMI.
• Multi-hole, ferrite-core Connectors (XM3B-F) offers space-sav-
ing design and superior noise protection at high frequency.
• Rugged, compact, metallized plastic hood (XM2S) provides
excellent noise protection.
• Conforms to UL standards. (No. E103202)
(XM2S hoods and other models not included.)
• Available with many kinds of standard Anchors and grounding fixtures.
• RoHS Compliant.
Connectors and Hoods
Model
XM3B
XM3B-F
Type
Sockets with Right-angle
DIP Terminals
Sockets with Right-angle
DIP Terminals and ferrite core
Appearance
Model
XM3C
XM3F
XM3A
XM3D
Type
Plugs with Right-angle
DIP Terminals
Sockets with Straight
DIP Terminals
Plugs with Solder Cup
Terminals
Sockets with Solder Cup
Terminals
Appearance
Model
XM2S
XM2S-E
Type Straight Cable Connection
Metallized Plastic
Right Angle Cable Connection
Metallized Plastic for 9 and 25 terminal models
Straight Cable Connection,
with ESD Production for 9 terminal models
Appearance


Similar Part No. - XM3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XM3-L OMRON-XM3-L Datasheet
1Mb / 8P
D-sub Connectors
XM3-LS OMRON-XM3-LS Datasheet
539Kb / 2P
Space-saving 9-pin Slim D-sub Connectors for Boards
logo
Texas Instruments
XM33C321AQPMRQ1 TI2-XM33C321AQPMRQ1 Datasheet
3Mb / 109P
MSPM33C321x-Q1 Automotive Mixed-Signal Microcontrollers
MARCH 2026
XM33C321AQPMRQ1 TI2-XM33C321AQPMRQ1 Datasheet
4Mb / 110P
MSPM33C321x-Q1 Automotive Mixed-Signal Microcontrollers
MARCH 2026
XM33C321AQPNRQ1 TI2-XM33C321AQPNRQ1 Datasheet
3Mb / 103P
MSPM33C321x-Q1 Automotive Mixed-Signal Microcontrollers
MARCH 2026
More results

Similar Description - XM3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
Three-Phase Brushless Motor Driver for Office Automation Applications
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
Power Brushless Motor Driver IC for Office Automation Equipment
STK7563GII SANYO-STK7563GII Datasheet
207Kb / 3P
2 OUTPUT TYPE SECONDARY REGULATOR FOR OFFICE AUTOMATION EQUIPMENT
logo
List of Unclassifed Man...
STK7570 ETC1-STK7570 Datasheet
207Kb / 3P
OUTPUT TYPE SECONDARY REGULATOR FOR OFFICE AUTOMATION EQIPMENT
logo
Sanyo Semicon Device
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
For Office Automation Equipment 3-phase Brushless Motor Driver
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
For Office Automation Equipment 3-phase Brushless Motor Driver
logo
Omron Electronics LLC
XM2S-0913 OMRON-XM2S-0913 Datasheet
576Kb / 1P
D-sub Connectors Ideal for Interfacing with OA Equipment
XM2A-0901 OMRON-XM2A-0901 Datasheet
576Kb / 1P
D-sub Connectors Ideal for Interfacing with OA Equipment
logo
Shenzhen Huazhimei Semi...
HM2553 HMSEMI-HM2553 Datasheet
1Mb / 12P
Printer and office automation equipment
logo
List of Unclassifed Man...
FK-130RH ETC-FK-130RH Datasheet
31Kb / 1P
Typical Applications / Office Automation Equipments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com