Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM3-LS Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XM3-LS
Description  Space-saving 9-pin Slim D-sub Connectors for Boards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM3-LS Datasheet(HTML) 1 Page - Omron Electronics LLC

  XM3-LS Datasheet HTML 1Page - Omron Electronics LLC XM3-LS Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
New Product News
Slim D-Sub Connector
XM3-LS
Space-saving 9-pin Slim D-sub
Connectors for Boards
• Board mounting area is reduced by 33% (compared with
previous models) using depth of 8.4 mm.
• Nine D-sub right-angle DIP terminals.
• Mounting board thickness of either 1.0 mm or 1.6 mm.
■Ratings and Characteristics
■Materials and Finish
■Ordering Information
Footprint on board reduced by 33% over previous models.
12.6 mm
8.4 mm
Reduced by
4.2 mm.
Slim model
Previous model
Rated current
3 A
Rated voltage
300 VAC
Contact resistance
20 m
Ω max. (at 20 mVDC, 100 mA max.)
Insulation resistance
1,000 M
Ω min. (at 500 VDC for 1 min)
Withstand voltage
1,000 VAC for 1 min (leakage current: 1 mA max.)
Insertion durability
100 times
Operating temperature
−25 to 105°C
Housing
Fiber-glass reinforced PBT resin (UL94V-0)/black
Contacts
Socket
Phosphor bronze/nickel base, flash gold plated
Plug
Brass/nickel base, flash gold plated
Shell
Steel/nickel plated
Anchors
Socket
M2.6
× 0.45: Steel/nickel plated
#4-40UNC: Stainless steel
Plug
Stainless steel
Grounding fixture
Phosphor bronze/tin plated
Socket
Plug
Appearance
Minimum
ordering
quantity
(pieces)
Appearance
Minimum
ordering
quantity
(pieces)
No. of contacts
Anchors
M2.6
× 0.45
#4-40 UNC
No. of contacts
Anchors
M2.6
× 0.45
#4-40 UNC
9
XM3B-0942-112LS
XM3B-0942-132LS
80
9
XM3C-0942-112LS
XM3C-0942-132LS
80


Similar Part No. - XM3-LS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XM3-L OMRON-XM3-L Datasheet
1Mb / 8P
D-sub Connectors
More results

Similar Description - XM3-LS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R2SNDC24S OMRON-G2R2SNDC24S Datasheet
819Kb / 11P
Slim and Space-saving Power Plug-in Relay
G2R1SNIDC24S OMRON-G2R1SNIDC24S Datasheet
836Kb / 12P
Slim and Space-saving Power Plug-in Relay
P2RF-08 OMRON-P2RF-08 Datasheet
819Kb / 11P
Slim and Space-saving Power Plug-in Relay
logo
Integrated Device Techn...
9ZX21200 IDT-9ZX21200 Datasheet
220Kb / 17P
Space-saving 56-pin package
9ZXL1251 IDT-9ZXL1251 Datasheet
377Kb / 20P
Space-saving 64-pin VFQFPN package
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
space-saving
logo
Tyco Electronics
2IOM MACOM-2IOM Datasheet
258Kb / 5P
Space Saving Mounting Boards for Slim Line Input/Output Modules
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
For space saving application
logo
TE Connectivity Ltd
2IOM TEC-2IOM Datasheet
258Kb / 5P
Space Saving Mounting Boards for Slim Line Input/Output Modules
logo
Omron Electronics LLC
G2R-1-S OMRON-G2R-1-S Datasheet
1Mb / 15P
Slim and Space-saving Power Plug-in Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com