Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM3-LS Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XM3-LS
Description  Space-saving 9-pin Slim D-sub Connectors for Boards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM3-LS Datasheet(HTML) 2 Page - Omron Electronics LLC

  XM3-LS Datasheet HTML 1Page - Omron Electronics LLC XM3-LS Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• Application examples provided in this document are for reference only. In actual applications, confirm equipment functions and safety before using the product.
• Consult your OMRON representative before using the product under conditions which are not described in the manual or applying the product to nuclear control systems, railroad
systems, aviation systems, vehicles, combustion systems, medical equipment, amusement machines, safety equipment, and other systems or equipment that may have a serious
influence on lives and property if used improperly. Make sure that the ratings and performance characteristics of the product provide a margin of safety for the system or
equipment, and be sure to provide the system or equipment with double safety mechanisms.
OMRON Corporation
Electronic and Mechanical Components Company
Contact: www.omron.com/ecb
Cat. No. G022-E1-02
0413(1111)(W)
Note: Do not use this document to operate the Unit.
XM3-LS
Slim D-Sub Connector
■Dimensions
(Unit: mm)
■Safety Precautions
• Insert the connector into the board and then simultaneously
dip-solder the connector terminals and lock pins to the board.
• Pull or push the connector straight in or out when you connect or
disconnect it. Twisting it may cause damage or faulty contact.
• Do not remove the anchors from the connector. Removing the
anchors may cause damage or faulty contact.
●Automatic Soldering
Automated Soldering Conditions (Jet Flow)
(1) Soldering temperature: 250 ± 5
°C
(2) Continuous soldering time: 5 ± 1 s max.
Precautions for Correct Use
2.74
16.3
24.99
30.8
1.905
5.85
14.7
Nine
, 1 +0.1
dia.
0
24.99 ± 0.05
2.74 ± 0.05
Two
, 3.2
± 0.1
dia.
Board edge
Socket XM3B-0942-1
@2LS
Plug XM3C-0942-1
@2LS
Mounting Holes
(BOTTOM VIEW)
Note: Applicable panel thickness is 1.2 mm max.
Note: The mounting hole and panel cutout dimensions are the same for the Sockets and Plugs.
Note: Applicable board thickness: 1.0 or 1.6 mm.
Panel Cutout
14.5
1.905
24.99
30.8
16.92
Anchors
2.74
5.85
5.8
Two, R3.2
Four, R2.5
31.0 min.
5.8
6.4 min.
11.4 min.
Anchors
Lock pin grounding fixture
Board
(t=1.6 mm)
Lock pin grounding fixture
Board
(t=1.0 mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com