Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEN06 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TEN06
Description  6 WATTS OUTPUT DC-DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEN06 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TEN06 Datasheet HTML 1Page - List of Unclassifed Manufacturers TEN06 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Voltage Range
Output
Current
Input
Current (6)
Eff
(7)
(%)
Capacitor(8)
Load max
TEN06-05S33
4.5 – 9 VDC
3.3 VDC
2.84 – 3.67 VDC
1200 mA
1212 mA
70
6600 uF
TEN06-05S05
4.5 – 9 VDC
5 VDC
4.3 – 6 VDC
1000 mA
1429 mA
74
3000 uF
TEN06-05S12
4.5 – 9 VDC
12 VDC
12 – 15 VDC
500 mA
1622 mA
78
1400 uF
TEN06-05D12
4.5 – 9 VDC
I12 VDC
I12 – I15 VDC
I250 mA
1667 mA
76
I510 uF
TEN06-12S33
9 – 18 VDC
3.3 VDC
2.84 – 3.67 VDC
1500 mA
604 mA
73
6600 uF
TEN06-12S05
9 – 18 VDC
5 VDC
4.3 – 6 VDC
1200 mA
658 mA
80
3000 uF
TEN06-12S12
9 – 18 VDC
12 VDC
12 – 15 VDC
500 mA
617 mA
85
1400 uF
TEN06-12D12
9 – 18 VDC
I12 VDC
I12 – I15 VDC
I250 mA
617 mA
85
I510 uF
TEN06-24S33
18 – 36 VDC
3.3 VDC
2.84 – 3.67 VDC
1500 mA
286 mA
77
6600 uF
TEN06-24S05
18 – 36 VDC
5 VDC
4.3 – 6 VDC
1200 mA
321 mA
82
3000 uF
TEN06-24S12
18 – 36 VDC
12 VDC
12 – 15 VDC
500 mA
309 mA
85
1400 uF
TEN06-24D12
18 – 36 VDC
I12 VDC
I12 – I15 VDC
I250 mA
309 mA
85
I510 uF
TEN06-48S33
36 – 75 VDC
3.3 VDC
2.84 – 3.67 VDC
1500 mA
143 mA
77
6600 uF
TEN06-48S05
36 – 75 VDC
5 VDC
4.3 – 6 VDC
1200mA
165 mA
80
3000 uF
TEN06-48S12
36 – 75 VDC
12 VDC
12 – 15 VDC
500 mA
155 mA
85
1400 uF
TEN06-48D12
36 – 75 VDC
I12 VDC
I12 – I15 VDC
I250 mA
155 mA
85
I510 uF
PIN CONNECTION
PIN
SINGLE
DUAL
1
+ Vi
+ Vi
2
Ctrl
Ctrl
3
- Vi
- Vi
4
NC
- Vo
5
- Vo
COM
6
Vset
Vset
7
+ Vo
+ Vo
Figure 1
Note
1. The follow output voltage can be outputted by connecting this terminal
to an output + or – terminal. Unless the output voltage is adjusted, this
terminal should be open.
2. In addition, the voltage can be adjusted not by shorting these terminals,
but by connecting them to resistances as shown below.
3. Arithmetic expression connected resistance: R ( K
)
3-1 Vo=(3.3*R+36.7)/(R+10)
3-2 Vo=(3.3*R+36.7)/(R+12.92)
3-3 Vo=2.5*[2+2.7/(R+6.8)]
3-4 Vo=2.5*[2-2.7/(R+9.5)]
3-5 Vo=2.5+9.5(R+10.9)/(R+.2)
3-6 Vo=2.5+22*(R+12.7)/(R+10)(Between two outputs)
4. Bellcore TR-NWT-000332. Case1:50% Stress, temperature at 40ºC.
(Ground
fixed and controlled environment)
5. The filter capacitor recommended use “ CHEMICON “ KMF series or
equivalent impedance at 0.16 ~ 0.33
( 100KHz 20
)
6. Maximum value at nominal input voltage and full load.
7. Typical value at nominal input voltage and full load.
8. Test by minimum Vin and constant resistor load.
5(4)
6(6)
TRIM UP
6(6)
7(7)
TRIM DOWN
Output can be externally trimmed by
using the method shown below.
(
) for dual output trim
EXTERNAL OUTPUT TRIMMING
RU
RD
30 40 50 60 70 80
-20
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
Derating Curve
Nature convection
ALL DIMENSIONS IN
INCHES (mm)
PIN PITCH TOLERANCE
I0.014(0.35)
BOTTOM
VIEW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com