Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEN06 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TEN06
Description  6 WATTS OUTPUT DC-DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEN06 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TEN06 Datasheet HTML 1Page - List of Unclassifed Manufacturers TEN06 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTPUT SPECIFICATIONS
Maximum output power
6 Watts
Voltage accuracy
Full load and nominal Vin
± 2%
Minimum load
0%
Line regulation
LL to HL at Full Load
0.2%
Load regulation
10% to 100% FL
0.5%
Ripple and noise
50MHz bandwidth
120mVp-p, max
Maximum temperature drift
I0.02% / ºC
Transient response recovery time
25% load step change
500uS, typ
Short circuit protection
Continuous, automatics recovery
Over current protection
150%, typ.
INPUT SPECIFICATIONS
Input voltage range
5V nominal input
12V nominal input
24V nominal input
48V nominal input
4.5 – 9VDC
9 – 18VDC
18 – 36VDC
36 – 75VDC
Input filter
L-C filter
Input surge voltage
100mS max
5V nominal input
12V nominal input
24V nominal input
48V nominal input
15VDC
36VDC
50VDC
100VDC
Remote ON/OFF
See figure 1
OUTPUT VOLTAGE ADJUSTMENT TERMINAL(Vset ) (Note1)
Model number
Open
-Vout shorted
+Vout shorted
XXS33
XXS05
XXS12
XXD12
3.3V
5V
12V
I12V
3.67V
6V
15V
I15V
2.84V
4.3V
-
-
Model number
Open
-Vout connected
with resistance (2)
+Vout connected
with resistance (2)
XXS33
XXS05
XXS12
XXD12
3.3V
5V
12V
I12V
3.3 to 3.67V (3-1)
5 to 6V (3-3)
12 to 15V (3-5)
I12 to I15V (3-6)
3.3 to 2.84V (3-2)
5 to 4.3V (3-4)
-
-
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input to Case
Output to Case
500 Vac
Isolation resistance
Input to Output
Input to Case
Output to Case
DC500V
50M ohms
Isolation capacitance
300 pF,max
Safety standard pending
IEC60950, J60950, UL60950, EN60950
Switching frequency
Full load to No load
100 to 1500 KHz
Case material
Metal case
Base material
None
Weight
20.0g (0.71oz)
Dimension
1.61 x 1.02 x 0.33 Inch
(41 x 25.8 x 8.5 mm)
MTBF (Note 4)
650Fit (1500000hrs, 100% Load)
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range (with derating)
-20ºC to +70ºC
Storage temperature range
-40ºC to +85ºC
Cooling
Nature convection
Thermal shock
MIL-STD-810D
Vibration
At no operation, 10~55~10Hz (sweep for 15min.) amplitude 1.
5mm constant (maximum 9G X, Y, Z 2hrs each)
Shock
100G
Operating humidity range
20% to 95% RH
Storage humidity range
20% to 95% RH
EMC CHARACTERISTICS
Meet EN55022 classes A recommend
circuit with external capacitor filter at input
( Note 5 )
5V input
220uF/16V
12V input
220uF/25V
24V input
100uF/50V
48V input
100uF/100V
EMC external circuit
• PACKAGE, 1.61 x 1.02 x 0.33 INCH
• NO EXTERNAL INPUT AND OUTPUT CAPACITOR NEEDED
• 2:1 WIDE INPUT VOLTAGE RANGE
• LOW RIPPLE & NOISE
• FIVE-SIDED SHIELD
• OVER CURRENT PROTECTION
• SHORT CIRCUIT PROTECTION
• LONG LIFE WITHOUT ELECTROLYTIC CAPACITOR
The TEN06 series offer 6 watts of output power from a 1.61 x 1.02 x 0.33 inch package
without derating to 50
ºC and without external input/output capacitor. The TEN06 series with
2:1 wide input voltage of 4.5-9, 9-18, 18-36 and 36-75VDC and features 500VAC of
isolation, short-circuit protection. The safety meets to EN60950 and UL1950. All models are
particularly suited to telecommunications, industrial, mobile telecom and test equipment
applications.
T E CH NI C A L SP ECI F IC A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
Input
Output
++
-
-
DC-DC
Converter


Similar Part No. - TEN06

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
TEN06 RSG-TEN06 Datasheet
181Kb / 3P
6 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
TEN06-05D12 P-DUKE-TEN06-05D12 Datasheet
306Kb / 3P
6 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
TEN06-05D12 RSG-TEN06-05D12 Datasheet
181Kb / 3P
6 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
TEN06-05S05 P-DUKE-TEN06-05S05 Datasheet
306Kb / 3P
6 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
TEN06-05S05 RSG-TEN06-05S05 Datasheet
181Kb / 3P
6 WATTS DC-DC CONVERTER
More results

Similar Description - TEN06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QEB50-48S05 ETC-QEB50-48S05 Datasheet
104Kb / 2P
50 WATTS SINGLE OUTPUT DC-DC CONVERTER
logo
Powerbox
MAC14 POWERBOX-MAC14 Datasheet
493Kb / 2P
5-6 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
RSG Electronic Componen...
TEN06 RSG-TEN06 Datasheet
181Kb / 3P
6 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
RBA1P2 WALL-RBA1P2 Datasheet
295Kb / 4P
1.2 Watts DC/DC Converter Single Output
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
6 Watts DC/DC Converter Single and Dual Output
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
6 Watts Single and Dual Outputs DC/DC Converter
DCCE24S2428-1000 WALL-DCCE24S2428-1000 Datasheet
390Kb / 5P
28 Watts Bidirectional DC/DC Converter Single Output
DCBYB100 WALL-DCBYB100 Datasheet
548Kb / 7P
100 Watts Isolated DC/DC Converter Single Output
DCMQ50 WALL-DCMQ50 Datasheet
516Kb / 7P
50 Watts DC/DC Railway Converter Single Output
DCMQ75 WALL-DCMQ75 Datasheet
525Kb / 7P
75 Watts DC/DC Railway Converter Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com