Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM7D-0514-R Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # XM7D-0514-R
Description  Small Interface Connectors That Conform to USB Standards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM7D-0514-R Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button XM7D-0514-R Datasheet HTML 2Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 3Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 4Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 5Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 6Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 7Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 8Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 9Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
XM7
■Precautions
●Automatic Soldering
Reference Information: Automated Soldering Conditions
(Jet Flow)
(1) Soldering temperature: 250
±5°C
(2) Continuous soldering time: 5
±1 s max.
●Soldering Conditions
• Reference Information: Reflow Conditions
Maximum temperature: 260
°C
Time: 5 to 15 s max.
These conditions, however, depend on the type of solder, the
manufacturer, the amount of solder, the size of the board, and
the other mounting materials.
●Metal Mask for Cream Solder Printing
We recommend a metal mask thickness of 0.15 mm when print-
ing cream solder.
The appropriate conditions, however, depend on the type of sol-
der, the manufacturer, the amount of solder, the size of the circuit
board, other mounting materials, and other conditions.
●Terminal Shapes
The terminals will deform if they are subjected to an excessive
load, which will in turn reduce solderability when mounting. Do
not drop the Connectors or handle them carelessly. Do not con-
nect anything when the Connectors are not mounted to a board.
Doing so may deform the terminals.
●Mating
Do not connect the connectors in the wrong direction.
Doing so will damage the connectors.
●Using an Automatic Solder Bath after Reflow
Mask the mating portion with tape before you perform automatic
soldering to prevent flux or solder from entering the mating por-
tion of the Connector. Select and use a suitable masking tape.
●Application Precautions
• Confirm that there is no excessive misalignment or inclination
in the mating contact portion between the plug and socket
before mating the Connector. Make sure that the Connector is
mated all the way to the back. If the Connector is not mated all
the way to the back, contact reliability may be lost.
• Do not apply an extreme load during Connector insertion or
removal. The Connector may be damaged, and contact failure
may result. Twist the plug and socket as little as possible when
mating the Connector. Not doing so may deform the terminals
or housing or crack the housing.
• Do not insert a foreign object, such as tweezers, into the Con-
nector mating contact portion. Doing so may cause the plating
to peel off or deform the terminals.
●Precautions for Board Mounting
Be careful of the amount of board warping. If the board is exces-
sively warped, soldering faults may occur.
●Storage
Do not store the Connectors in locations subject to dust or high
humidity. Do not store the Connectors in locations close to
sources of gasses such ammonia gas or sulfide gas.
Precautions for Correct Use
Preheating time:
60 s max.
Soldering time:
5 to 15 s max.
Preheating temperature
Soldering temperature
Peak temperature
(
°C)
(s)
150
250
260



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com