Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM7D-0514-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XM7D-0514-R
Description  Small Interface Connectors That Conform to USB Standards
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM7D-0514-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  XM7D-0514-R Datasheet HTML 1Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 2Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 3Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 4Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 5Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 6Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 7Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 8Page - Omron Electronics LLC XM7D-0514-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
XM7
4
XM7A/B USB 2.0 USB Connectors
■Model Number Legend
■Ordering Information
●Sockets
■Ratings and Characteristics
■Materials and Finish
Item
Type
Single A-type Socket
Single A-type Socket
Double Stacked A-type Sockets
Single B-type Socket
Appearance
Straight DIP Terminals
Right-angle DIP Terminals
Right-angle DIP Terminals
Right-angle DIP Terminals
Model
XM7A-0441
XM7A-0442
XM7A-0442-A
XM7B-0442
Minimum ordering
quantity (pieces)
120
150
120
150
XM7
@-04 4 @-@
1
2
3
4
5
1 Type
A: A-type socket
B: B-type socket
2 No. of Contacts
04: 4 contacts
3 Plating Specification
4: Gold plating
4 Terminal Shape
1: Straight DIP terminals
2: Right-angle DIP terminals
5 Special Specification (A-type Sockets Only)
Blank : Single socket
A
: Double stacked sockets
Rated current
1 A
Rated voltage
30 VAC
Contact resistance
30 m
Ω max. (at 20 mV, 100 mA max.)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
750 VAC for 1 min (leakage current: 0.5 mA max.)
Insertion durability
1,500 times
Ambient operating temperature
−40 to 60°C (with no icing or condensation)
Housing
PBT
A-type Sockets: Black
B-type Sockets: White
Contacts
Mating end
Copper alloy/gold plating
Terminals
Copper alloy/tin alloy plating
Shell
Copper alloy/tin plating



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com