Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1012 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1012
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1012 Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1012 Datasheet HTML 1Page - Unisonic Technologies LR1012 Datasheet HTML 2Page - Unisonic Technologies LR1012 Datasheet HTML 3Page - Unisonic Technologies LR1012 Datasheet HTML 4Page - Unisonic Technologies LR1012 Datasheet HTML 5Page - Unisonic Technologies LR1012 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1012
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R502-495.G
HIGH OPERATING VOLTAGE
CMOS VOLTAGE REGULATOR
DESCRIPTION
The UTC LR1012 series is high operating voltage regulator
using UTC CMOS technology. The max operating voltage of UTC
LR1012L is 16V so it works best in high-voltage applications.
Moreover, it is also suitable in constructing lowpower portable
devices including small current consumption, power-off function
and short-current protection.
FEATURES
* Operating current: Max. 1.8µA (3.0V)
* Output voltage: 2.0 ~ 6.0V, as 0.1V step
* ±2.0% output voltage accuracy
* Output current:
50mA capable @ 3.0V output, VIN=5V
75mA capable @ 5.0V output, VIN=7V
* Dropout voltage:120mV @VOUT = 5.0V, IOUT=10mA
ORDERING INFORMATION
Ordering Number
Package
Packing
LR1012G-xx-AB3-R
SOT-89
Tape Reel
LR1012G-xx-AE3-R
SOT-23
Tape Reel
LR1012G-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR1012

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1012 UTC-LR1012 Datasheet
228Kb / 6P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LR1012 ETL-LR1012 Datasheet
227Kb / 7P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1012G-XX-AB3-R UTC-LR1012G-XX-AB3-R Datasheet
301Kb / 4P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012G-XX-AE3-R UTC-LR1012G-XX-AE3-R Datasheet
301Kb / 4P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012G-XX-AF5-R UTC-LR1012G-XX-AF5-R Datasheet
301Kb / 4P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
More results

Similar Description - LR1012

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S812C SII-S812C Datasheet
332Kb / 26P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C SII-S-812C_1 Datasheet
930Kb / 52P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
CMOS Voltage regulator
logo
Unisonic Technologies
LR1012 UTC-LR1012 Datasheet
228Kb / 6P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812C30BMC-C4KT2G SII-S-812C30BMC-C4KT2G Datasheet
786Kb / 50P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C50AMC-C3ET2G SII-S-812C50AMC-C3ET2G Datasheet
786Kb / 50P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LR1012 ETL-LR1012 Datasheet
227Kb / 7P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1012 UTC-LR1012_V01 Datasheet
301Kb / 4P
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com