Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC62130G-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC62130G-AF5-R
Description  BOOSTING VOLTAGE REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC62130G-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UC62130G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
UC621XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 13
www.unisonic.com.tw
QW-R502-028.D
TYPICAL APPLICATION CIRCUIT
OPERATIONAL EXPLANATION
Functional Description
Output voltage (VOUT) can be fixed by revising the external transistor's base current. This can be done by
comparing the detected voltage level and the set voltage power supply level.
DIRECTIONS FOR USE
Suggestions for External Comporients
1. PNP Transistor
The selection of a transistor should take into account output current, input voltage and power dissipation for each
specific application. It is recommended that a transistor that has a low output saturated voltage (VCE) and high hFE
characteristics be used.
2. RB Resistor
Although the IC unit is protected by a base current remitter circuit, it is recommended that a resistor (RB) be
connected between the transistor's base and the IC's EXT pin to protect the transistor.
Required output current can be calculated using the following equation although characteristic variations and
conditions of use should be carefully checked before use. The following equation also indicates the conditions
needed to obtain IOUT (max.) at VIN (min.). However, the larger the input current, the larger the output current (IOUT) that
can be obtained.
VIN(MIN) -1.2(V)
0.7(V)
IOUT(MAX)
RB
RBE
hFE
3. RBE Resistor, CL Capacitor
To prevent oscillation due to output load variation, use of a phase compensation capacitor CL is recommended.
Please use a Tantalum capacitor of at least 10μF. Please also use an RBE resistor of less than 47kΩ.
An RBE resistor of between 20kΩ and 47kΩ is recommended for less power consumption.
4. Input Impedance
In order to control oscillation brought about as a result of impedance at the power supply line, connect a capacitor
of 10μF or more (Tantalum) between the external transistor's emitter and the ground pin.
Special Note
1. Protection Circuit
The built-in protect circuit is to protect the IC only. Therefore to prevent output shorts and overshoot current
through the transistor, use of a resistor RB or an overshoot current protection circuit is recommended. Care should
also be taken with the transistor's power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com