Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC62130G-AF5-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # UC62130G-AF5-R
Description  BOOSTING VOLTAGE REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC62130G-AF5-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button UC62130G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 9Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 10Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 11Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 12Page - Unisonic Technologies UC62130G-AF5-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
UC621XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
12 of 13
www.unisonic.com.tw
QW-R502-028.D
TYPICAL CHARACTERISTICS(Cont.)
(8) LOAD TRANSIENT RESPONSE
1000
3.05
UC62130
400
200
600
800
2.85
3.10
3.00
2.95
Time (10msec/div)
2.90
0
Output Voltage
Output Current
300mA
1mA
VIN=4.0V, CL=10µF (tantalum)
1000
3.35
UC62133
400
200
600
800
3.15
3.40
3.30
3.25
Time (10msec/div)
3.20
0
Output Voltage
Output Current
300mA
1mA
VIN=4.3V, CL=10µF (tantalum)
1000
5.05
UC62150
400
200
600
800
4.85
5.10
5.00
4.95
Time (10msec/div)
4.90
0
Output Voltage
Output Current
1000
4.05
UC62140
400
200
600
800
3.85
4.10
4.00
3.95
Time (10 msec/div)
3.90
0
Output Voltage
Output Current
300mA
1mA
300mA
1mA
VIN=6V, CL=10µF(tantalum)
VIN=5V, CL=10µF (tantalum)
(9) RIPPLE REJECTION RATE
0.01
0.1
50
UC62130
1
10
60
40
10
30
20
0
Ripple Frequency,f (kHz)
VIN =4.0VDC+0.5VP-PAC
IOUT = 200mA,
CL =10μF (tantalum)
0.01
0.1
50
UC62133
1
10
60
40
10
30
20
0
Ripple Frequency,f (kHz)
VIN =4.3VDC+0.5VP-PAC
IOUT = 200mA,
CL=10μF (tantalum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com