Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4974 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4974
Description  1W Differential Audio Power Amplifier with Up/Down Digital Volume Control Pins
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4974 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4974 Datasheet HTML 1Page - STMicroelectronics TS4974 Datasheet HTML 2Page - STMicroelectronics TS4974 Datasheet HTML 3Page - STMicroelectronics TS4974 Datasheet HTML 4Page - STMicroelectronics TS4974 Datasheet HTML 5Page - STMicroelectronics TS4974 Datasheet HTML 6Page - STMicroelectronics TS4974 Datasheet HTML 7Page - STMicroelectronics TS4974 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2004
Revision 1
1/8
s
Operating from V
CC = 2.5V to 5.5V
s
Zero pop&clickless circuit
s
1.W output power @ Vcc=5V, THD=1%,
F=1kHz, with 8
Ω Load
s
Ultra low consumption in standby mode
(2µA max.)
s
85dB PSRR @ 217Hz
s
16 digital volume control steps
s
Two up and down volume control discrete
pins
s Gain range from -33dB to + 12dB
s
Integrated debouncing system
s
Ultra fast start up time: 15ms typ.
s
DFN10 3X3 mm pitch 0.5
Description
At 3.3v, the TS4974 is a dual power audio
amplifier
capable
of
delivering
380mW
of
continuous RMS ouput power into a 8
Ω bridged-
tied loads with 1% THD+N. An external standby
mode control reduces the supply current to less
than 2µA. An internal over-temperature shutdown
protection is provided.
The TS4974 has been designed for high quality
audio applications such as mobile phones and for
minimizing the number of external components.
The TS4974 features a 16 step digital volume
control through two discrete control Up and Down
pins. The start-up gain is internally fixed to -12dB.
An integrated debounce system prevents voltage
pikes on UP/DOWN pins during volume control
mode to be taken into account during a debounce
time of 10ms (typ.).
Pin Connections (top view)
Applications
s Mobile phones (cellular / cordless)
s PDAs
s Laptop/notebook computers
s Portable audio devices
Order Codes
TS4974IQ - Pinout
TS4974IQ DFN Package
1
2
3
4
10
BYPASS
VIN-
UP / DVC
VCC
STANDBY
5
9
8
7
6
DOWN / DVC
GND
VIN+
VOUT-
VOUT+
1
2
3
4
10
BYPASS
VIN-
UP / DVC
VCC
STANDBY
STANDBY
5
9
8
7
6
DOWN / DVC
GND
VIN+
VOUT-
VOUT+
Part Number
Temperature Range
Package
Packaging
Marking
TS4974IQT
-40, +85°C
QFN
Tape & Reel
TBA
PRODUCT PREVIEW
TS4974
This is preliminary information on a new product now in development. Details are subject to change without notice.
1W Differential Audio Power Amplifier
with Up/Down Digital Volume Control Pins


Similar Part No. - TS4974

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4974 STMICROELECTRONICS-TS4974 Datasheet
321Kb / 25P
1W differential audio power amplifier with up/down digital volume control pins
10-May-2007
TS4974IQT STMICROELECTRONICS-TS4974IQT Datasheet
321Kb / 25P
1W differential audio power amplifier with up/down digital volume control pins
10-May-2007
TS4974 STMICROELECTRONICS-TS4974_07 Datasheet
321Kb / 25P
1W differential audio power amplifier with up/down digital volume control pins
10-May-2007
More results

Similar Description - TS4974

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
STMicroelectronics
TS4974 STMICROELECTRONICS-TS4974_07 Datasheet
321Kb / 25P
1W differential audio power amplifier with up/down digital volume control pins
10-May-2007
logo
Diodes Incorporated
PAM8407 DIODES-PAM8407 Datasheet
330Kb / 12P
2x3W Stereo Differential Input Class D Audio Amplifier with Up/Down Volume Control
Rev 1
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com