Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4974 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4974
Description  1W Differential Audio Power Amplifier with Up/Down Digital Volume Control Pins
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4974 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4974 Datasheet HTML 1Page - STMicroelectronics TS4974 Datasheet HTML 2Page - STMicroelectronics TS4974 Datasheet HTML 3Page - STMicroelectronics TS4974 Datasheet HTML 4Page - STMicroelectronics TS4974 Datasheet HTML 5Page - STMicroelectronics TS4974 Datasheet HTML 6Page - STMicroelectronics TS4974 Datasheet HTML 7Page - STMicroelectronics TS4974 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS4974
Electrical Characteristics
4/8
2
Electrical Characteristics
Table 3: V
CC = +5V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
3.2
mA
ISTANDBY
Standby Current
No input signal, Vstdby = Gnd, RL = 8
Ω
300
2000
nA
Voo
Output Offset Voltage
No input signal, RL = 8
Ω, Floating inputs
520
mV
Po
Output Power
THD = 1% Max, f = 1kHz, RL = 8
Ω
0.8
1
W
THD + N
Total Harmonic Distortion + Noise
Po = 500mW rms,
20Hz < F < 20kHz, RL = 8
Ω, 0dB gain, Cb=1µF, Cin=330nF
0.5
%
PSRR
Power Supply Rejection Ratio1
F = 217Hz, RL = 8
Ω, )
Vripple = 200mVpp, Input Grounded, Cb=1µF, Cin=330nF
1)
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is an added sinus signal to Vcc @ F = 217Hz.
75
85
dB
CMRR
Common Mode Rejection Ratio2
F = 217Hz, RL = 8
Ω,
Vincm = 200mVpp, Cb = 1µF, Cin=330nF
2)
Dynamic measurements - 20*log(rms(Vout)/rms(Vincm)).
45
61
dB
SNR
Signal-to-Noise Ratio ( Weighted A, 6dB gain )
( RL = 8
Ω, THD + N ≤ 0.5%, 20Hz < F < 20kHz)
100
dB
Gs
Start up Gain
-12
dB
G
Digital Gain Range
-33
+12
dB
Gain Step
size
3dB
Gain accu-
racy
-1
+1
dB
Twu
Wake-up Time
15
ms
VN
Output Voltage Noise F = 20Hz to 20kHz, RL = 8
Ω
Unweighted
Weighted A
21
17
µV
RMS
Zin
Differential input impedance
48
60
75
k
Ω
Tdebounce
Debouncing time
10
ms
Tautorepeat Time between volume changes
160
ms
Trange
During autorepeat mode, necessary time to cover the whole gain
range
2500
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com