Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL208 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TSL208
Description  512 X 1 LINEAR SENSOR ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL208 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TSL208 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL208 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL208 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL208 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL208 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL208 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL208 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL208 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TSL208R
512 y 1 LINEAR SENSOR ARRAY
TAOS031C – OCTOBER 2002
4
t
t
Copyright
E 2002, TAOS Inc.
The
LUMENOLOGY
r Company
www.taosinc.com
Electrical Characteristics at fclock = 1 MHz, VDD = 5 V, TA = 25°C, λp = 640 nm, tint = 5 ms,
RL = 330 Ω, Ee = 18 µW/cm2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vout
Analog output voltage (white, average over 512 pixels)
See Note 1
1.6
2
2.4
V
Vdrk
Analog output voltage (dark, average over 512 pixels)
0
50
150
mV
PRNU
Pixel response nonuniformity
See Notes 2 & 3
±7%
±20%
Nonlinearity of analog output voltage
See Note 3
±0.4%
FS
Output noise voltage
See Note 4
1
mVrms
Re
Responsivity
16
22
28
V/
(µJ/cm2)
SE
Saturation exposure
See Note 5
155
nJ/cm2
Vsat
Analog output saturation voltage
2.5
3.4
V
DSNU
Dark signal nonuniformity
All pixels
See Note 6
25
120
mV
IL
Image lag
See Note 7
0.5%
IDD
Supply current, output idle
28
45
mA
IIH
High-level input current
VI = VDD
10
µA
IIL
Low-level input current
VI = 0
10
µA
VOH
High level output voltage SO
IO = 50 µA
4.5
4.95
V
VOH
High-level output voltage, SO
IO = 4 mA
4.6
V
VOL
Low level output voltage SO
IO = 50 µA
0.01
0.1
V
VOL
Low-level output voltage, SO
IO = 4 mA
0.4
V
Ci(SI)
Input capacitance, SI
40
pF
Ci(CLK) Input capacitance, CLK
40
pF
NOTES: 1. The array is uniformly illuminated with a diffused LED source having a peak wavelength of 640 nm.
2. PRNU is the maximum difference between the voltage from any single pixel and the average output voltage from all pixels of the
device under test when the array is uniformly illuminated at the white irradiance level. PRNU includes DSNU.
3. Nonlinearity is defined as the maximum deviation from a best-fit straight line over the dark-to-white irradiance levels, as a percent
of analog output voltage (white).
4. RMS noise is the standard deviation of a single-pixel output under constant illumination as observed over a 5-second period.
5. Minimum saturation exposure is calculated using the minimum Vsat, the maximum Vdrk, and the maximum Re.
6. DSNU is the difference between the maximum and minimum output voltage in the absence of illumination.
7. Image lag is a residual signal left in a pixel from a previous exposure. It is defined as a percent of white-level signal remaining after
a pixel is exposed to a white condition followed by a dark condition:
IL
+
V
out (IL) *
V
drk
V
out (white) *
V
drk
100
Timing Requirements (see Figure 1 and Figure 2)
MIN
NOM
MAX
UNIT
tsu(SI)
Setup time, serial input (see Note 8)
20
ns
th(SI)
Hold time, serial input (see Note 8 and Note 9)
0
ns
tw
Pulse duration, clock high or low
50
ns
tr, tf
Input transition (rise and fall) time
0
500
ns
NOTES: 8. Input pulses have the following characteristics: tr = 6 ns, tf = 6 ns.
9. SI must go low before the rising edge of the next clock pulse.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com