Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL208 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TSL208
Description  512 X 1 LINEAR SENSOR ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL208 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TSL208 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL208 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL208 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL208 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL208 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL208 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL208 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL208 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSL208R
512 y 1 LINEAR SENSOR ARRAY
TAOS031C – OCTOBER 2002
1
The
LUMENOLOGY
r Company
t
t
Copyright
E 2002, TAOS Inc.
www.taosinc.com
D 512 × 1 Sensor-Element Organization
D 200 Dots-Per-Inch (DPI) Sensor Pitch
D High Linearity and Uniformity
D Wide Dynamic Range... 2000:1 (66 dB)
D Output Referenced to Ground
D Low Image Lag . . . 0.5% Typ
D Operation to 5 MHz
D Single 5-V Supply
D Replacement for TSL208
Description
The TSL208R linear sensor array consists of a 512
× 1
array of photodiodes and associated charge amplifier
circuitry. The pixels measure 120
µm (H) by 70 µm (W)
with 125-
µm center-to-center spacing and 55-µm
spacing between pixels. Operation is simplified by
internal control logic that requires only a serial-input (SI)
signal and a clock.
The TSL208R is intended for use in a wide variety of applications including mark detection and code reading,
optical character recognition (OCR) and contact imaging, edge detection and positioning as well as optical linear
and rotary encoding.
Functional Block Diagram
2
3
SI
CLK
512-Bit Shift Register
Q512
Switch Control Logic
Integrator
Reset
_
+
Pixel 1
Pixel
2
Pixel
512
Pixel
3
Sample/
Output
Analog
Bus
Q3
Q2
Q1
SO
6
Output
Amplifier
Gain
Trim
VDD
AO
GND
5
1
4
RL
330
W
t
t
Texas Advanced Optoelectronic Solutions Inc.
800 Jupiter Road, Suite 205
S Plano, TX 75074 S (972) 673-0759
(TOP VIEW)
VDD
SI
CLK
AO
GND
SO
VDD
1
2
3
4
5
6
7


Similar Part No. - TSL208

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL208R TAOS-TSL208R Datasheet
171Kb / 10P
512 x 1 LINEAR SENSOR ARRAY
logo
ams AG
TSL208R AMSCO-TSL208R Datasheet
591Kb / 11P
512  1 LINEAR SENSOR ARRAY
More results

Similar Description - TSL208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL210 ETC-TSL210 Datasheet
125Kb / 10P
640 X 1 LINEAR SENSOR ARRAY
TSL201 ETC-TSL201 Datasheet
99Kb / 8P
64 X 1 LINEAR SENSOR ARRAY
TSL1402R ETC-TSL1402R Datasheet
145Kb / 12P
256 X 1 LINEAR SENSOR ARRAY WITH HOLD
logo
Texas Instruments
TSL218 TI-TSL218 Datasheet
131Kb / 8P
512 횞 1 PIXEL LINEAR ARRAY
logo
TEXAS ADVANCED OPTOELEC...
TSL201R-LF TAOS-TSL201R-LF Datasheet
176Kb / 10P
64 x 1 LINEAR SENSOR ARRAY
TSL202R TAOS-TSL202R Datasheet
199Kb / 12P
128 x 1 LINEAR SENSOR ARRAY
TSL208R TAOS-TSL208R Datasheet
171Kb / 10P
512 x 1 LINEAR SENSOR ARRAY
TSL2014 TAOS-TSL2014 Datasheet
184Kb / 10P
896 x 1 LINEAR SENSOR ARRAY
TSLW201R TAOS-TSLW201R Datasheet
104Kb / 8P
64 x 1 LINEAR SENSOR ARRAY
logo
ams AG
TSL208R AMSCO-TSL208R Datasheet
591Kb / 11P
512  1 LINEAR SENSOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com