Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE708 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE708
Description  Integrated Circuit TV/FM Sound IF Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE708 Datasheet(HTML) 1 Page - NTE Electronics

  NTE708 Datasheet HTML 1Page - NTE Electronics NTE708 Datasheet HTML 2Page - NTE Electronics NTE708 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE708
Integrated Circuit
TV/FM Sound IF Amplifier
Features:
D Greatly Simplifier FM Demodulator Alignment
D Excellent Performance at V+ = 8V
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Power Supply Voltage
16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Input Voltage (Pin4)
3.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA = +25°C), PD
625mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
5mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
0
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (V+ = 12V, TA = +25°C unless otherwise specified)
Parameter
Pin
Test Conditions
Min
Typ
Max
Unit
Drain Current
13
V+ = 8V
10
12
19
mA
V+ = 12V
–
15
21
mA
Amplifier Input Reference Voltage
6
–
1.45
–
V
Detector Input Reference Voltage
2
–
3.65
–
V
Amplifier High Level Output Voltage
10
1.25
1.45
1.65
V
Amplifier Low Level Output Voltage
9
–
0.145
0.2
V
Detector Output Voltage
1
V+ = 8V
–
3.7
–
V
V+ = 12V
–
5.4
–
V
Amplifier Input Resistance
4
–
5.0
–
k
Ω
Amplifier Input Capacitance
4
–
11
–
pF
Detector Input Resistance
12
–
70
–
k
Ω
Detector Input Capaciance
12
–
2.7
–
pF
Amplifier Output Resistance
10
–
60
–
Ω
Detector Output Resistance
1
–
200
–
Ω
De–Emphasis Resistance
14
–
8.8
–
k
Ω


Similar Part No. - NTE708

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7080 NTE-NTE7080 Datasheet
20Kb / 2P
Integrated Circuit Precision Voltage Reference Diode, 1.235V
NTE7081 NTE-NTE7081 Datasheet
25Kb / 3P
Integrated Circuit RGB Video Amplifier System
NTE7082 NTE-NTE7082 Datasheet
21Kb / 3P
Integrated Circuit Stepper Motor Driver
NTE7083 NTE-NTE7083 Datasheet
27Kb / 3P
Integrated Circuit Vertical Deflection Circuit for Monitor Applications
NTE7084 NTE-NTE7084 Datasheet
23Kb / 3P
Integrated Circuit Color TV Sync Deflection Circuit
More results

Similar Description - NTE708

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1100 NTE-NTE1100 Datasheet
22Kb / 2P
Integrated Circuit TV Sound IF Amp, FM IF Amp
NTE1162 NTE-NTE1162 Datasheet
22Kb / 2P
Integrated Circuit TV Sound IF Amp & FM Detector
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
Integrated Circuit TV Video IF, Sound IF
NTE1575 NTE-NTE1575 Datasheet
18Kb / 2P
Integrated Circuit B/W TV Sound IF Amplifier
NTE709 NTE-NTE709 Datasheet
24Kb / 3P
Integrated Circuit TV/FM Sound IF Amplifier
NTE712 NTE-NTE712 Datasheet
25Kb / 3P
Integrated Circuit TV/FM Sound IF Detector
logo
Samsung semiconductor
KA2101 SAMSUNG-KA2101 Datasheet
175Kb / 5P
LINEAR INTEGRATED CIRCUIT(TV SOUND IF AMPLIFIER)
logo
Panasonic Semiconductor
AN5220 PANASONIC-AN5220 Datasheet
114Kb / 3P
TV SOUND IF AMPLIFIER FM DETECTOR CIRCUITS
AN5215 PANASONIC-AN5215 Datasheet
155Kb / 2P
TV Sound-IF Amplifier, FM Detector IC
logo
NTE Electronics
NTE1236 NTE-NTE1236 Datasheet
80Kb / 3P
Integrated Circuit TV Sound IF System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com