Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE708 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE708
Description  Integrated Circuit TV/FM Sound IF Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE708 Datasheet(HTML) 2 Page - NTE Electronics

  NTE708 Datasheet HTML 1Page - NTE Electronics NTE708 Datasheet HTML 2Page - NTE Electronics NTE708 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dynamic Characteristics: (FM Modulation Freq = 1kHz, Source Resistance = 50
Ω,
TA = +25°C for all tests)
Parameter
Pin
Test Conditions
Min
Typ
Max
Unit
(V+ = 12V, fo = 4.5MHz, ∆f = ±25kHz, Peak Separation = 150kHz)
Amplifier Voltage Gain
10
Vin ≤ 50µVrms
–
60
–
dB
AM Rejection
1
Vin = 10mVrms, Note 1
–
36
–
dB
Input Limiting Threshold Voltage
4
–
250
–
µVrms
Recovered Audio Output Voltage
1
Vin = 10mVrms
–
0.72
–
Vrms
Output Distortion
1
Vin = 10mVrms
–
3
–
%
(V+ = 12V, fo = 5.5MHz, ∆f = ±50kHz, Peak Separation = 260kHz)
Amplifier Voltage Gain
10
Vin ≤ 50µVrms
–
60
–
dB
AM Rejection
1
Vin = 10mVrms, Note 1
–
40
–
dB
Input Limiting Threshold Voltage
4
–
250
–
µVrms
Recovered Audio Output Voltage
1
Vin = 10mVrms
–
1.2
–
Vrms
Output Distortion
1
Vin = 10mVrms
–
5
–
%
(V+ = 8V, fo = 10.7MHz, ∆f = ±75kHz, Peak Separation = 550kHz)
Amplifier Voltage Gain
10
Vin ≤ 50µVrms
–
53
–
dB
AM Rejection
1
Vin = 10mVrms, Note 1
–
37
–
dB
Input Limiting Threshold Voltage
4
–
600
–
µVrms
Recovered Audio Output Voltage
1
Vin = 10mVrms
–
0.3
–
Vrms
Output Distortion
1
Vin = 10mVrms
–
1.4
–
%
(V+ = 12V, fo = 10.7MHz, ∆f = ±75kHz, Peak Separation = 550kHz)
Amplifier Voltage Gain
10
Vin ≤ 50µVrms
–
53
–
dB
AM Rejection
1
Vin = 10mVrms, Note 1
–
45
–
dB
Input Limiting Threshold Voltage
4
–
600
–
µVrms
Recovered Audio Output Voltage
1
Vin = 10mVrms
–
0.48
–
Vrms
Output Distortion
1
Vin = 10mVrms
–
1.4
–
%
Note 1. 100% FM, 30% AM Modulation.
Pin Connection Diagram
1
2
3
4
Audio Output
Detector Input Ref
N.C.
IF Input
5
Decoupling
6
IF Input Ref
7
GND
14
13
12
11
De–Emphasis
Det Input (QuadratureNetwork)
Test Point
10 Amplifier Output
9
Amplifier Low Output
8
N.C.
VCC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com