Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF-ASD-21 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # SF-ASD-21
Description  Integrated LEDs are used to illuminate the working area
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

SF-ASD-21 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  SF-ASD-21 Datasheet HTML 1Page - PHOENIX CONTACT SF-ASD-21 Datasheet HTML 2Page - PHOENIX CONTACT SF-ASD-21 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1212532
24.10.2013   Page 1 / 3
Battery-powered screwdriver - SF-ASD 21 - 1212532
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Cordless screwdriver, forward/reverse running, 21-stage coupling, up to 600 rpm, 6.3 mm hexagonal fast
connection drill chuck, torque can be adjusted from 0.3 - 4.4 Nm, snap-on protective cap to prevent unintentional
adjustments
Product Features
 Integrated LEDs are used to illuminate the working area
 6.3 mm hexagonal fast connection drill chuck
 With optional snap-on protective cap to prevent unintentional torque adjustment
 Cordless screwdriver with two-speed gearbox, forward/reverse running and 21-stage clutch with drilling stage of up to 600 rpm
 Torque accuracy of ±5%
 Adjustable from 0.3 - 4.4 Nm
Key commercial data
Packing unit
1 1
Weight per Piece (excluding packing)
740.0 GRM
Custom tariff number
84672920
Country of origin
Japan
Technical data
Product type
Torque tool
Approval
GOST
Torque
0.3 Nm ... 4.4 Nm 5%
Classifications
eCl@ss
eCl@ss 4.0
21043074
eCl@ss 4.1
21043074
eCl@ss 5.0
21043290
eCl@ss 5.1
21050804
eCl@ss 6.0
21050804


Similar Part No. - SF-ASD-21

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-ASD-21-SET-230V PHOENIX-SF-ASD-21-SET-230V Datasheet
54Kb / 3P
Integrated LEDs are used to illuminate the working area
More results

Similar Description - SF-ASD-21

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9A130LB SPANSION-MB9A130LB Datasheet
2Mb / 89P
The MB9A130LB Series are highly integrated
MB9A140NB SPANSION-MB9A140NB Datasheet
4Mb / 121P
The MB9A140NB Series are highly integrated
MB9A340NB SPANSION-MB9A340NB Datasheet
4Mb / 125P
The MB9A340NB Series are highly integrated
MB9AAA0N SPANSION-MB9AAA0N Datasheet
3Mb / 109P
The MB9AAA0N Series are highly integrated
MB9AB40NB SPANSION-MB9AB40NB Datasheet
4Mb / 129P
The MB9AB40NB Series are highly integrated
MB9B120M SPANSION-MB9B120M Datasheet
3Mb / 109P
The MB9B120M Series are highly integrated
logo
JMK Inc.
ZL-1988B-10B JMK-ZL-1988B-10B Datasheet
33Kb / 1P
designed to be used in systems that are required to work in the tempest environment
logo
PHOENIX CONTACT
SF-ASD-21-SET-230V PHOENIX-SF-ASD-21-SET-230V Datasheet
54Kb / 3P
Integrated LEDs are used to illuminate the working area
logo
Richtek Technology Corp...
RT8202 RICHTEK-RT8202 Datasheet
34Kb / 2P
The ESD tests are used to classify the electrostatic discharge of microcircuits.
RT9025 RICHTEK-RT9025 Datasheet
34Kb / 2P
The ESD tests are used to classify the electrostatic discharge of microcircuits.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com